Electronic Components Datasheet Search
  English  ▼

X  

TMP1075 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1075
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1075 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP1075 Datasheet HTML 7Page - Texas Instruments TMP1075 Datasheet HTML 8Page - Texas Instruments TMP1075 Datasheet HTML 9Page - Texas Instruments TMP1075 Datasheet HTML 10Page - Texas Instruments TMP1075 Datasheet HTML 11Page - Texas Instruments TMP1075 Datasheet HTML 12Page - Texas Instruments TMP1075 Datasheet HTML 13Page - Texas Instruments TMP1075 Datasheet HTML 14Page - Texas Instruments TMP1075 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
8.10 Typical Characteristics
at TA = 25°C, V+ = 3.3 V, and apply to D, DGK, and DSG packages (unless otherwise noted)
Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D00X
Average
Average r3V
Min/Max Limit
Figure 8-1. DGK & D Temperature Error vs.
Temperature
Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D00X
Average
Average r3V
Min/Max Limit
Figure 8-2. DSG Temperature Error vs.
Temperature
Figure 8-3. TMP1075NDRL Temperature Error vs.
Temperature
Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
0
0.5
1
1.5
D002
V+ = 5.5 V
V+ = 3.3 V
V+ = 1.7 V
Figure 8-4. Shutdown Current vs. Temperature
Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
0
2
4
6
8
10
12
14
D002
27.5 mSec
55 mSec
110 mSec
220 mSec
Figure 8-5. Average Current vs. Conversion Rates
and Temperature
VIN/VSupply (%)
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
350
400
450
500
550
600
650
D004
V+ = 5.5 V
V+ = 4.5 V
V+ = 3.3 V
V+ = 2.5 V
V+ = 1.7 V
Limit
Figure 8-6. Supply Current vs. Input Cell Voltage
www.ti.com
TMP1075
SBOS854E – MARCH 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMP1075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com