Electronic Components Datasheet Search
  English  ▼

X  

TMP1075 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1075
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1075 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP1075 Datasheet HTML 20Page - Texas Instruments TMP1075 Datasheet HTML 21Page - Texas Instruments TMP1075 Datasheet HTML 22Page - Texas Instruments TMP1075 Datasheet HTML 23Page - Texas Instruments TMP1075 Datasheet HTML 24Page - Texas Instruments TMP1075 Datasheet HTML 25Page - Texas Instruments TMP1075 Datasheet HTML 26Page - Texas Instruments TMP1075 Datasheet HTML 27Page - Texas Instruments TMP1075 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Note
The configuration register supports single-byte read and write over I2C bus to ensure software
compatibility with other xx75 standard temperature sensors like TMP75 and LM75. When a single
byte write is performed, the data byte on the I2C bus updates the register bits 15-8. Similarly when a
single byte read is performed, the data bits 15-8 is transferred over the I2C bus.
9.5.1.3 Low Limit Register (address = 02h) [default reset = 4B00h]
The register is configured as a 12-bit, read/write register and data is represented in two's complement format.
Figure 9-14 shows the layout for TLOW is the same as the temperature register. The default reset value is 4B00h
and corresponds to 75°C.
Figure 9-14. Low Limit Register
15
14
13
12
11
10
9
8
L11
L10
L9
L8
L7
L6
L5
L4
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
R/W-1
7
6
5
4
3
2
1
0
L3
L2
L1
L0
0
0
0
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 9-9. Low Limit Register Field Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
15:4
L[11:0]
R/W
4B0h
12-bit, read-write register that stores the low limit for comparison
with temperature results.
3:0
—
R/W
0h
Not used
9.5.1.4 High Limit Register (address = 03h) [default reset = 5000h]
The register is configured as a 12-bit, read/write register and data is represented in two's complement format.
Figure 9-15 show the layout for THIGH is the same as the temperature register. The default reset value is 5000h
and corresponds to 80°C.
Figure 9-15. High Limit Register
15
14
13
12
11
10
9
8
H11
H10
H9
H8
H7
H6
H5
H4
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
7
6
5
4
3
2
1
0
H3
H2
H1
H0
0
0
0
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 9-10. High Limit Register Field Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
15:4
H[11:0]
R/W
500h
12-bit, read-write register that stores the high limit for
comparison with temperature results.
3:0
—
R/W
0h
Not used
TMP1075
SBOS854E – MARCH 2018 – REVISED AUGUST 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP1075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com