Electronic Components Datasheet Search
  English  ▼

X  

TMP1075 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1075
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1075 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP1075 Datasheet HTML 17Page - Texas Instruments TMP1075 Datasheet HTML 18Page - Texas Instruments TMP1075 Datasheet HTML 19Page - Texas Instruments TMP1075 Datasheet HTML 20Page - Texas Instruments TMP1075 Datasheet HTML 21Page - Texas Instruments TMP1075 Datasheet HTML 22Page - Texas Instruments TMP1075 Datasheet HTML 23Page - Texas Instruments TMP1075 Datasheet HTML 24Page - Texas Instruments TMP1075 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
9.4.4 Thermostat Mode (TM)
The thermostat mode bit indicates whether ALERT pin operates in comparator mode (TM = 0) or interrupt mode
(TM = 1). ALERT pin mode is controlled by TM (bit 9) of the configuration register. Any write to the TM bit
changes the ALERT pin to a none active condition, clears the faults count, and clears the alert interrupt history
on the TMP1075 non-N orderables. The ALERT pin can be disabled in both comparator and interrupt modes if
both limit registers are set to the rail values TLOW = –128°C and THIGH = +127.9375°C on the TMP1075 non-N
orderables.
9.4.4.1 Comparator Mode (TM = 0)
In comparator mode (TM = 0), the ALERT pin becomes active when the temperature equals or exceeds the
value in THIGH for a consecutive number of Fault Queue bits [F1:F0]. The ALERT pin remains active until the
temperature falls below the indicated TLOW value for the same number of faults.
The difference between the two limits acts as a hysteresis on the comparator output, and a fault counter
prevents false alerts as a result of system noise. The SMBus Alert response function is ignored in the
comparator mode.
9.4.4.2 Interrupt Mode (TM = 1)
In interrupt mode (TM = 1), the device starts to compare temperature readings with the high limit register value.
The ALERT pin becomes active when the temperature equals or exceeds THIGH for a consecutive number of
conversions as set by the Fault Queue bits [F1:F0]. The ALERT pin remains active until it is cleared by one
of three events: a read of any register, a successful SMBus Alert response, or a shutdown command. After
the ALERT pin is cleared, the device starts to compare temperature readings with the TLOW. The ALERT pin
becomes active again only when the temperature drops below TLOW for a consecutive number of conversions
as set by the Fault Queue bits. The ALERT pin remains active until cleared by any of the same three clearing
events. After the ALERT pin is cleared by one of the events, the cycle repeats and the device resumes to
compare the temperature to THIGH. The interrupt mode history is cleared by a change in the TM=0 bit, setting the
device to SD mode, or resetting the device on the TMP1075 non-N orderables.
9.4.4.3 Polarity Mode (POL)
The polarity bit allows the user to adjust the polarity of the ALERT pin output. If the POL bit is set to 0 (default),
the ALERT pin becomes active low. When POL bit is set to 1, the ALERT pin becomes active high and the state
of the ALERT pin is inverted. Figure 9-10 shows the operation of the ALERT pin in various modes.
Measured
Temperature
THIGH
TLOW
ALERT PIN
(ComparatorMode)
POL=0
ALERT PIN
(InterruptMode)
POL=0
ALERT PIN
(ComparatorMode)
POL=1
ALERT PIN
(InterruptMode)
POL=1
Rea d
Read
Time
Read
Figure 9-10. Output Transfer Function Diagrams
www.ti.com
TMP1075
SBOS854E – MARCH 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP1075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com