Electronic Components Datasheet Search
  English  ▼

X  

TMP1075 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1075
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1075 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP1075 Datasheet HTML 9Page - Texas Instruments TMP1075 Datasheet HTML 10Page - Texas Instruments TMP1075 Datasheet HTML 11Page - Texas Instruments TMP1075 Datasheet HTML 12Page - Texas Instruments TMP1075 Datasheet HTML 13Page - Texas Instruments TMP1075 Datasheet HTML 14Page - Texas Instruments TMP1075 Datasheet HTML 15Page - Texas Instruments TMP1075 Datasheet HTML 16Page - Texas Instruments TMP1075 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
9 Detailed Description
9.1 Overview
The TMP1075 device is a digital temperature sensor that is optimal for thermal management and thermal
protection applications. The TMP1075 is a SMBus and is I2C interface-compatible. It is also capable of
coexisting in an I3C bus when in Mixed Fast Mode. The TMP1075 non-N orderables are specified over a
temperature range of −55°C to +125°C and the TMP1075N orderable is specified over the −40°C to +125°C
temperature range. The Figure 9-1 section shows an internal block diagram of TMP1075 device.
The temperature sensor thermal path runs through the package leads as well as the plastic package. The leads
provide the primary thermal path due to the lower thermal resistance of the metal.
9.2 Functional Block Diagram
ADC
Oscillator
Register
Bank
Serial
Interface
Control
Logic
A0, A1*
SCL
SDA
GND
V+
ALERT
Temperature
Sensor
Circuitry
Internal
Thermal
BJT Sensor
A2*
*Pin is not available on TMP1075N
** ESD Diode only in TMP1075N
V+
**
Figure 9-1. Functional Block Diagram
www.ti.com
TMP1075
SBOS854E – MARCH 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP1075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com