Electronic Components Datasheet Search
  English  ▼

X  

TMP1075DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1075DR
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1075DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP1075DR Datasheet HTML 3Page - Texas Instruments TMP1075DR Datasheet HTML 4Page - Texas Instruments TMP1075DR Datasheet HTML 5Page - Texas Instruments TMP1075DR Datasheet HTML 6Page - Texas Instruments TMP1075DR Datasheet HTML 7Page - Texas Instruments TMP1075DR Datasheet HTML 8Page - Texas Instruments TMP1075DR Datasheet HTML 9Page - Texas Instruments TMP1075DR Datasheet HTML 10Page - Texas Instruments TMP1075DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
8.4 Thermal Information
THERMAL METRIC(1)
TMP1075
TMP1075
TMP1075
TMP1075N
UNIT
DGK (VSSOP)
D (SOIC)
DSG (WSON)
DRL (SOT)
8 PINS
8 PINS
8 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
202.5
130.4
87.4
210.3
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
82
76.9
111.1
105.0
°C/W
RθJB
Junction-to-board thermal resistance
124.4
72.3
54
87.5
°C/W
ΨJT
Junction-to-top characterization
parameter
17.9
32
9.8
6.1
°C/W
ΨJB
Junction-to-board characterization
parameter
122.6
71.9
54.4
87.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
__
__
28.1
__
°C/W
MT
Thermal mass
16.6
64.2
5.0
__
mJ/°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
8.5 Electrical Characteristics:TMP1075
at TA = –55°C to +125°C and V+ = 1.7 V to 5.5 V (unless noted); typical specification are at TA = 25°C and V+=3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
TEMPERATURE INPUT
Range
–55
125
°C
Accuracy
(temperature
error)
DGK, D
–40°C to +110°C
±0.25
±1
°C
–55°C to +125°C
±0.25
±2
DSG
–40°C to +75°C
±0.25
±1
°C
–55°C to +125°C
±0.25
±2
°C
Accuracy (temperature error)
vs. supply
PSRR
±0.03
°C/V
Resolution
1 LSB (12 bit)
0.0625
°C
Repeatability(1)
25°C, V+= 3.3 V(2)
0.0625
°C
Long-term drift(3)
500 hours at 150°C, 5.5V
0.0625
°C
DIGITAL INPUT/OUTPUT
Input capacitance
5
pF
VIH
High-level input logic
0.7(V+)
V
VIL
Low-level input logic
0.3(V+)
V
IIN
Leakage input current
–0.25
0
0.25
µA
Input voltage hysteresis
SCL and SDA pins
600
mV
VOL
Low-level output logic
IOL = -3 mA, SDA and ALERT pins
0
0.15
0.4
V
ADC Conversion time
one-shot mode
4.5
5.5
7
ms
TC
Conversion Time
R1 = 0, R0 = 0 (default)
27.5
ms
R1 = 0, R0 = 1
55
R1 = 1, R0 = 0
110
R1 = 1, R0 = 1
220
Reset time
The time between reset till ADC conversion start
0.3
ms
Conversion Rate Variation
–10
0
10
%
POWER SUPPLY
Operating voltage range
1.7
3.3
5.5
V
www.ti.com
TMP1075
SBOS854E – MARCH 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP1075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com