Electronic Components Datasheet Search
  English  ▼

X  

TMP1075DR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1075DR
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1075DR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP1075DR Datasheet HTML 14Page - Texas Instruments TMP1075DR Datasheet HTML 15Page - Texas Instruments TMP1075DR Datasheet HTML 16Page - Texas Instruments TMP1075DR Datasheet HTML 17Page - Texas Instruments TMP1075DR Datasheet HTML 18Page - Texas Instruments TMP1075DR Datasheet HTML 19Page - Texas Instruments TMP1075DR Datasheet HTML 20Page - Texas Instruments TMP1075DR Datasheet HTML 21Page - Texas Instruments TMP1075DR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Start Data Transfer: A change in the state of the SDA line from high to low when the SCL line is high defines a
START condition. Each data transfer is initiated with a START condition.
Stop Data Transfer: A change in the state of the SDA line from low to high when the SCL line is high defines a
STOP condition. Each data transfer is terminated with a repeated START or STOP condition.
Data Transfer: The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the host device. The receiver acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed, is obliged to generate an Acknowledge bit. A device
that acknowledges must pull down the SDA line during the Acknowledge clock pulse in such a way that the SDA
line is stable low during the high period of the Acknowledge clock pulse. Setup and hold times must be taken
into account. On a host receive, the termination of the data transfer can be signaled by the host generating a
Not-Acknowledge on the last byte that is transmitted by the target device.
9.3.4 Two-Wire Timing Diagrams
Frame 1 Two Wire Device Address Byte
Frame 2 Pointer Register Byte
Frame 4 Data Byte 2
1
Start By
Host
ACK By
Device
ACK By
Device
ACK By
Device
Stop By
Host
1
D7
D6
D5
D4
D3
D2
D 1
D0
9
Frame 3 Data Byte 1
ACK By
Device
1
D15
SDA
(Continued)
SCL
(Continued)
D14 D13
D12
D11 D10
D9
D8
9
9
SDA
SCL
0
A4
A3
A2
A1
A0
R/W
0
0
0
0
P3
P2
P1
P0
«
«
1
9
1
Figure 9-3. Two-Wire Timing Diagram for Write Word Format
Frame 1 Two-Wire Device Address Byte
Start By
Master
ACK By
Device
ACK By
Device
StopBy
Master
9
Frame 3 Data Byte 1
ACK By
Device
1
D15
SDA
(Continued)
SCL
(Continued)
D14
D13 D12 D11 D10
D9
D8
9
9
SDA
SCL
A6
A5
A4
A3
A2
A1
A0
R/W
0
0
0
0
0
0
P1
P0
…
…
1
9
1
Frame 2 Pointer Register Byte
Figure 9-4. Two-Wire Timing Diagram for Write Single Byte Format
TMP1075
SBOS854E – MARCH 2018 – REVISED AUGUST 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP1075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com