Electronic Components Datasheet Search
  English  ▼

X  

TMP1075DR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1075DR
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1075DR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP1075DR Datasheet HTML 19Page - Texas Instruments TMP1075DR Datasheet HTML 20Page - Texas Instruments TMP1075DR Datasheet HTML 21Page - Texas Instruments TMP1075DR Datasheet HTML 22Page - Texas Instruments TMP1075DR Datasheet HTML 23Page - Texas Instruments TMP1075DR Datasheet HTML 24Page - Texas Instruments TMP1075DR Datasheet HTML 25Page - Texas Instruments TMP1075DR Datasheet HTML 26Page - Texas Instruments TMP1075DR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
9.5.1.2 Configuration Register (address = 01h) [default reset = 00FFh (60A0h TMP1075N)]
The configuration register is an 16-bit read/write register used to store bits that control the operational modes
of the temperature sensor. Read and write operations are performed MSB first. Figure 9-12 shows the format of
the configuration register for the TMP1075, followed by a breakdown of the register bits. The power-up or reset
value of the configuration register are all bits equal to 00FFh (TMP1075N: 60A0h). Only single byte writes and
reads must be used when pointing to the configuration register for proper operation on the TMP1075N orderable.
Figure 9-12. Configuration Register: TMP1075
15
14
13
12
11
10
9
8
OS
R1
R0
F1
F0
POL
TM
SD
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
7
6
5
4
3
2
1
0
1
1
1
1
1
1
1
1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Figure 9-13. Configuration Register: TMP1075N
15
14
13
12
11
10
9
8
OS
R1
R0
F1
F0
POL
TM
SD
R/W-0
R-1
R-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
7
6
5
4
3
2
1
0
1
0
x
0
0
0
0
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 9-8. Configuration Register Field Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
15
OS
R/W
0
One-shot conversion mode. Writing 1, starts a single
temperature conversion. Read returns 0.
14:13
R[1:0]
R/W
R (TMP1075N)
0
11 (TMP1075N)
Conversion rate setting when device is in continuous
conversion mode
00: 27.5 ms conversion rate
01: 55 ms conversion rate
10: 110 ms conversion rate
11: 220 ms conversion rate (35 ms TMP1075N)
12:11
F[1:0]
R/W
0
Consecutive fault measurements to trigger the alert
function
00: 1 fault
01: 2 faults
10: 3 faults (4 faults TMP1075N)
11: 4 faults (6 faults TMP1075N)
10
POL
R/W
0
Polarity of the output pin
0: Active low ALERT pin
1: Active high ALERT pin
9
TM
R/W
0
Selects the function of the ALERT pin
0: ALERT pin functions in comparator mode
1: ALERT pin functions in interrupt mode
8
SD
R/W
0
Sets the device in shutdown mode to conserve power
0: Device is in continuous conversion
1: Device is in shutdown mode
7:0
—
R/W
FFh
A0h (TMP1075N)
Not used
Reserved on TMP1075N package
www.ti.com
TMP1075
SBOS854E – MARCH 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMP1075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com