Electronic Components Datasheet Search
  English  ▼

X  

TPS22950 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22950
Description  TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22950 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS22950 Datasheet HTML 15Page - Texas Instruments TPS22950 Datasheet HTML 16Page - Texas Instruments TPS22950 Datasheet HTML 17Page - Texas Instruments TPS22950 Datasheet HTML 18Page - Texas Instruments TPS22950 Datasheet HTML 19Page - Texas Instruments TPS22950 Datasheet HTML 20Page - Texas Instruments TPS22950 Datasheet HTML 21Page - Texas Instruments TPS22950 Datasheet HTML 22Page - Texas Instruments TPS22950 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.4 MAX
0.19
0.13
0.8
TYP
0.4
TYP
6X
0.225
0.185
0.4
TYP
B
E
A
D
4226594/A 03/2021
D: Max = 1.126 mm, Min = 1.086 mm
DSBGA - 0.4 mm max height
YBH0006-C02
DIE SIZE BALL GRID ARRAY
E: Max = 0.726 mm, Min = 0.686 mm
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
0.05 C
A
1
2
0.015
C A B
SYMM
SYMM
B
C
SCALE 12.000
www.ti.com
TPS22950
SLVSFJ2 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS22950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com