Electronic Components Datasheet Search
  English  ▼

X  

TPS22950 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22950
Description  TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22950 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS22950 Datasheet HTML 16Page - Texas Instruments TPS22950 Datasheet HTML 17Page - Texas Instruments TPS22950 Datasheet HTML 18Page - Texas Instruments TPS22950 Datasheet HTML 19Page - Texas Instruments TPS22950 Datasheet HTML 20Page - Texas Instruments TPS22950 Datasheet HTML 21Page - Texas Instruments TPS22950 Datasheet HTML 22Page - Texas Instruments TPS22950 Datasheet HTML 23Page - Texas Instruments TPS22950 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
0.05 MAX
6X (
0.2)
(0.4) TYP
(0.4) TYP
(
0.2)
SOLDER MASK
OPENING
(
0.2)
METAL
4226594/A 03/2021
DSBGA - 0.4 mm max height
YBH0006-C02
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
See Texas Instruments Literature No. SNVA009 (www.ti.com/lit/snva009).
SOLDER MASK DETAILS
NOT TO SCALE
SYMM
SYMM
1
2
A
B
EXPOSED METAL SHOWN
LAND PATTERN EXAMPLE
SCALE: 50X
C
NON-SOLDER MASK
DEFINED
EXPOSED
METAL
SOLDER MASK
OPENING
SOLDER MASK
DEFINED
(PREFERRED)
METAL UNDER
SOLDER MASK
EXPOSED
METAL
TPS22950
SLVSFJ2 – DECEMBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com