| Electronic Components Datasheet Search |
|
DLPC4420 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPC4420 Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 49 page ![]() Table 5-1. Pin Functions (continued) PIN(1) I/O(2) DESCRIPTION NAME NO. DDA_P_7 W4 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_7 W3 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_6 W2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_6 W1 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_5 Y2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_5 Y1 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_4 Y4 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_4 Y3 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_3 AA2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_3 AA1 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_2 AA4 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_2 AA3 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_1 AB2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_1 AB1 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_0 AC2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_0 AC1 O7 DMD, LVDS I/F channel A, differential serial data DCKB_P J3 O7 DMD, LVDS I/F channel A, differential clock DCKB_N J4 O7 DMD, LVDS I/F channel A, differential clock SCB_P J1 O7 DMD, LVDS I/F channel A, differential serial control SCB_N J2 O7 DMD, LVDS I/F channel A, differential serial control DDB_P_15 N1 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_15 N2 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_14 N3 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_14 N4 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_13 M2 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_13 M1 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_12 M3 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_12 M4 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_11 L1 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_11 L2 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_10 L3 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_10 L4 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_9 K1 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_9 K2 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_8 K3 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_8 K4 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_7 H1 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_7 H2 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_6 H3 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_6 H4 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_5 G1 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_5 G2 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_4 G3 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_4 G4 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_3 F1 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_3 F2 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_2 F3 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_2 F4 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_1 E1 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_1 E2 O7 DMD, LVDS I/F channel B, differential serial data DDB_P_0 D1 O7 DMD, LVDS I/F channel B, differential serial data DDB_N_0 D2 O7 DMD, LVDS I/F channel B, differential serial data PROGRAM MEMORY (Flash and SRAM) INTERFACE www.ti.com DLPC4420 DLPS222 – DECEMBER 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: DLPC4420 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |