Electronic Components Datasheet Search
  English  ▼

X  

DLPC4420 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4420
Description  DLPC4420 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4420 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLPC4420 Datasheet HTML 5Page - Texas Instruments DLPC4420 Datasheet HTML 6Page - Texas Instruments DLPC4420 Datasheet HTML 7Page - Texas Instruments DLPC4420 Datasheet HTML 8Page - Texas Instruments DLPC4420 Datasheet HTML 9Page - Texas Instruments DLPC4420 Datasheet HTML 10Page - Texas Instruments DLPC4420 Datasheet HTML 11Page - Texas Instruments DLPC4420 Datasheet HTML 12Page - Texas Instruments DLPC4420 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Table 5-1. Pin Functions (continued)
PIN(1)
I/O(2)
DESCRIPTION
NAME
NO.
SSP0_RXD
AD5
I4
Synchronous Serial Port 0, receive data in
SSP0_TXD
AB7
O5
Synchronous Serial Port 0, transmit data out
SSP0_CSZ_0
AC5
B5
Synchronous Serial Port 0, chip select 0 (active low)
SSP0_CSZ_1
AB6
B5
Synchronous Serial Port 0, chip select 1 (active low)
SSP0_CSZ_2
AC3
B5
Synchronous Serial Port 0, chip select 2 (active low)
UART0_TXD
AB3
O5
UART0 transmit data output
UART0_RXD
AD1
O5
UART0 receive data input
UART0_RTSZ
AD2
O5
UART0 ready to send hardware flow control output (active low)
UART0_CTSZ
AE2
I4
UART0 clear to send hardware flow control input (active low)
USB_DAT_N
C5
B9
USB D- I/O
USB_DAT_P
D6
B9
USB D+ I/O
PMD_INTZ
AE8
I4
Interrupt from DLPA100 (active low). This signal requires an external pull-up. Uses hysteresis.
CW_PWM
AD8
O5
Color wheel control PWM output
CW_INDEX
AF7
O5
Color wheel index. Uses hysteresis.
GENERAL PURPOSE I/O (GPIO) (8)
Alternate Function 1
Alternate Function 2
GPIO_82
E3
B5
N/A
N/A
GPIO_81
AB10
B2
Reserved
N/A
GPIO_80
AD9
B2
IR_ENABLE (O)
N/A
GPIO_79
AE9
B2
Reserved
N/A
GPIO_78
AF9
B2
FIELD_3D_LR (I)
N/A
GPIO_77
AB11
B2
SAS_INTGTR_EN (O)
SENSE_PWM_OUT (O)
GPIO_76
AC10
B2
SAS_CSZ (O)
N/A
GPIO_75
AD10
B2
SAS_DO (O)
SENSE_FREQ_IN (I)
GPIO_74
AE10
B2
SAS_DI (I)
SENSE_COMP_IN (I)
GPIO_73
AF10
B2
SAS_CLK (O)
N/A
GPIO_72
K24
B2
SSP2_DI (I)
N/A
GPIO_71
K23
B2
SSP2_CLK (B)
N/A
GPIO_70
K22
B2
SSP2_CSZ_1 (B)
N/A
GPIO_69
J26
B2
SSP2_CSZ_0 (B)
N/A
GPIO_68
J25
B2
SSP2_DO (O)
N/A
GPIO_67
J24
B2
SP_Data_7 (O)
SSP2_CSZ_2 (B)
GPIO_66
J23
B2
SP_Data_6 (O)
SSP0_CSZ_5 (B)
GPIO_65
J22
B2
SP_Data_5 (O)
N/A
GPIO_64
H26
B2
SP_Data_4 (O)
CW_PWM_2 (O)
GPIO_63
H25
B2
SP_Data_3 (O)
CW_INDEX_2 (I)
GPIO_62
H24
B2
SP_Data_2 (O)
SP_VC_FDBK (I)
GPIO_61
H23
B2
SP_Data_1 (O)
N/A
GPIO_60
H22
B2
SP_Data_0 (O)
N/A
GPIO_59
G26
B2
SP_WG_CLK (O)
N/A
GPIO_58
G25
B2
LED_SENSE_PULSE (O)
N/A
GPIO_57
F25
B2
Reserved
N/A
GPIO_56
G24
B2
UART2_RXD (O)
N/A
GPIO_55
G23
B2
UART2_TXD (O)
N/A
GPIO_54
F26
B2
PROG_AUX_7 (O)
N/A
GPIO_53
E26
B2
PROG_AUX_6 (O)
N/A
GPIO_52
AB12
B2
CSP_Data (O)
ALF_CLAMP (O)
GPIO_51
AC11
B2
CSP_CLK (O)
ALF_COAST (O)
GPIO_50
V23
B2
Reserved
HBT_CLKOUT (O)
GPIO_49
V24
B2
Reserved
HBT_DO (O)
GPIO_48
V25
B2
Reserved
HBT_CLKIN_2 (I)
GPIO_47
V26
B2
Reserved
HBT_DI_2 (I)
GPIO_46
T22
B2
Reserved
HBT_CLKIN_1 (I)
GPIO_45
U23
B2
Reserved
HBT_DI_1 (I)
GPIO_44
U24
B2
Reserved
HBT_CLKIN_0 (I)
www.ti.com
DLPC4420
DLPS222 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DLPC4420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com