Electronic Components Datasheet Search
  English  ▼

X  

DLPC4420 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4420
Description  DLPC4420 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4420 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPC4420 Datasheet HTML 4Page - Texas Instruments DLPC4420 Datasheet HTML 5Page - Texas Instruments DLPC4420 Datasheet HTML 6Page - Texas Instruments DLPC4420 Datasheet HTML 7Page - Texas Instruments DLPC4420 Datasheet HTML 8Page - Texas Instruments DLPC4420 Datasheet HTML 9Page - Texas Instruments DLPC4420 Datasheet HTML 10Page - Texas Instruments DLPC4420 Datasheet HTML 11Page - Texas Instruments DLPC4420 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Table 5-1. Pin Functions (continued)
PIN(1)
I/O(2)
DESCRIPTION
NAME
NO.
PM_CSZ_0
D13
O5
Input Bus D Data bit 3.
100-Ω internal LVDS termination.
PM_CSZ_1
E12
O5
PM_CSZ_2
A13
O5
Input Bus D Data bit 5.
100-Ω internal LVDS termination.
PM_ADDR_22
(GPIO 36)
A12
B5
PM_ADDR_21
(GPIO 35)
E11
B5
Input Bus D Data bit 10.
100-Ω internal LVDS termination.
PM_ADDR_20
D12
O5
PM_ADDR_19
C12
O5
Input Bus D Data bit 11.
100-Ω internal LVDS termination.
PM_ADDR_18
B11
O5
PM_ADDR_17
A11
O5
Input Bus D Data bit 12.
100-Ω internal LVDS termination.
PM_ADDR_16
D11
O5
PM_ADDR_15
C11
O5
Input Bus D Data bit 13.
100-Ω internal LVDS termination.
PM_ADDR_14
E10
O5
PM_ADDR_13
D10
O5
Input Bus D Data bit 14.
100-Ω internal LVDS termination.
PM_ADDR_12
C10
O5
PM_ADDR_11
B9
O5
Input Bus D Data bit 15.
100-Ω internal LVDS termination.
PM_ADDR_10
A9
O5
PM_ADDR_9
E9
O5
Output Bus A Data bit 0 to DMD.
PM_ADDR_8
D9
O5
PM_ADDR_7
C9
O5
Output Bus A Data bit 1 to DMD.
PM_ADDR_6
B8
O5
PM_ADDR_5
A8
O5
Output Bus A Data bit 2 to DMD.
PM_ADDR_4
D8
O5
PM_ADDR_3
C8
O5
Output Bus A Data bit 3 to DMD.
PM_ADDR_2
B7
O5
PM_ADDR_1
A7
O5
Output Bus A Data bit 4 to DMD.
PM_ADDR_0
C7
O5
PM_WEZ
B12
O5
Output Bus A Data bit 5 to DMD.
PM_OEZ
C13
O5
PM_BLSZ_1
B6
O5
Output Bus A Data bit 6 to DMD.
PM_BLSZ_0
A6
O5
PM_DATA_15
C17
B5
Output Bus A Data bit 7 to DMD.
PM_DATA_14
B16
B5
PM_DATA_13
A16
B5
Output Bus A Data bit 8 to DMD.
PM_DATA_12
A15
B5
PM_DATA_11
B15
B5
Output Bus A Data bit 9 to DMD.
PM_DATA_10
D16
B5
PM_DATA_9
C16
B5
Output Bus A Data bit 10 to DMD.
PM_DATA_8
E14
B5
PM_DATA_7
D15
B5
Output Bus A Data bit 11 to DMD.
PM_DATA_6
C15
B5
PM_DATA_5
B14
B5
Output Bus A Data bit 12 to DMD.
PM_DATA_4
A14
B5
PM_DATA_3
E13
B5
Output Bus A Data bit 13 to DMD.
PM_DATA_2
D14
B5
PM_DATA_1
C14
B5
Output Bus A Data bit 14 to DMD.
PM_DATA_0
B13
B5
PERIPHERAL INTERFACE
IIC0_SCL
A10
B8
I2C Bus 0, Clock. This bus support 400 kHz, fast mode operation. This signal requires an external pull-up to 3.3 V.
The minimum acceptable pull-up value is 1 kΩ. This input is not 5 V tolerant.
IIC0_SDA
B10
B8
2C Bus 0, Data. This bus support 400 kHz, fast mode operation. This signal requires an external pull-up to 3.3 V. The
minimum acceptable pull-up value is 1 kΩ. This input is not 5 V tolerant.
SSP0_CLK
AD4
B5
Synchronous Serial Port 0, clock
DLPC4420
DLPS222 – DECEMBER 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com