Electronic Components Datasheet Search
  English  ▼

X  

DLPC4420 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4420
Description  DLPC4420 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4420 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DLPC4420 Datasheet HTML 19Page - Texas Instruments DLPC4420 Datasheet HTML 20Page - Texas Instruments DLPC4420 Datasheet HTML 21Page - Texas Instruments DLPC4420 Datasheet HTML 22Page - Texas Instruments DLPC4420 Datasheet HTML 23Page - Texas Instruments DLPC4420 Datasheet HTML 24Page - Texas Instruments DLPC4420 Datasheet HTML 25Page - Texas Instruments DLPC4420 Datasheet HTML 26Page - Texas Instruments DLPC4420 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
Table 6-1. SSP Clock Operational Modes
SPI Clocking Mode
SPI Clock Polarity (CPOL)
SPI Clock Phase (CPHA)
0
0
0
1
0
1
2
1
0
3
1
1
6.15 JTAG Interface: I/O Boundary Scan Application Switching Characteristics
over operating free-air temperature range, CL(min timing) = 5 pF, CL(max timing) = 85 pF (unless otherwise noted)
PARAMETER
FROM INPUT
TO OUTPUT
MIN
MAX
UNIT
tpd
Output Propagation, Clock to Q
TCK↓
TDO1
3
12
ns
Figure 6-1. System Oscillators
Figure 6-2. Power Up
www.ti.com
DLPC4420
DLPS222 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DLPC4420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com