Electronic Components Datasheet Search
  English  ▼

X  

INA350 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA350
Description  INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA350 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA350 Datasheet HTML 2Page - Texas Instruments INA350 Datasheet HTML 3Page - Texas Instruments INA350 Datasheet HTML 4Page - Texas Instruments INA350 Datasheet HTML 5Page - Texas Instruments INA350 Datasheet HTML 6Page - Texas Instruments INA350 Datasheet HTML 7Page - Texas Instruments INA350 Datasheet HTML 8Page - Texas Instruments INA350 Datasheet HTML 9Page - Texas Instruments INA350 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage, VS = (V+) – (V–)
0
6
V
Signal input pins
Common mode voltage(2)
(V–) – 0.5
(V+) + 0.5
V
Differential voltage(3)
VS + 0.2
V
Current(2)
–10
10
mA
Output short-circuit(4)
Continuous
Operating Temperature, TA
–55
150
°C
Junction Temperature, TJ
150
Storage Temperature, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that may swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less
(3)
Differential input voltages greater than 0.5 V applied continuously can result in a shift to the input offset voltage above the maximum
specification of this parameter. The magnitude of this effect increases as the ambient operating temperature rises.
(4)
Short-circuit to VS / 2.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage VS = (V+) – (V–)
Single-supply
1.8
5.5
V
Dual-supply
±0.9
±2.75
Input Voltage Range
(V–)
(V+)
V
Specified temperature
Specified temperature
–40
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
INA350ABS, INA350CDS
UNIT
DDF (SOT-23-
THN)
DSG (WSON)
RUG (X2QFN)
8 PINS
8 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
169.1
89.2
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
101.7
111.8
TBD
°C/W
RθJB
Junction-to-board thermal resistance
84.8
55.8
TBD
°C/W
ψJT
Junction-to-top characterization parameter
12.6
9.3
TBD
°C/W
ψJB
Junction-to-board characterization parameter
84.3
55.7
TBD
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
31.0
TBD
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
INA350
SBOSAA0A – NOVEMBER 2021 – REVISED DECEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com