Electronic Components Datasheet Search
  English  ▼

X  

INA350 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA350
Description  INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA350 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA350 Datasheet HTML 16Page - Texas Instruments INA350 Datasheet HTML 17Page - Texas Instruments INA350 Datasheet HTML 18Page - Texas Instruments INA350 Datasheet HTML 19Page - Texas Instruments INA350 Datasheet HTML 20Page - Texas Instruments INA350 Datasheet HTML 21Page - Texas Instruments INA350 Datasheet HTML 22Page - Texas Instruments INA350 Datasheet HTML 23Page - Texas Instruments INA350 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
8.3 Feature Description
8.3.1 Gain-Setting
The gain equation of INA350ABS can be given by Equation 1:
G = 1+180 kΩRG
(1)
The value of the internal gain resistor RG for INA350ABS can then be derived from the gain equation:
RG = 180 kΩG − 1 
(2)
Similarly The gain equation of INA350CDS can be given by Equation 1:
G = 1+290 kΩRG
(3)
The value of the internal gain resistor RG for INA350CDS can then be derived from the gain equation:
RG = 290 kΩG − 1 
(4)
Gain selection table below outlines how to choose different gain options across INA350ABS and INA350CDS.
The 60-kΩ, 90-kΩ, and 145-kΩ resistors mentioned are all typical values of the on-chip resistors.
Table 8-1. Gain Selection Table
DEVICE
GAIN SELECT (GS)
SELECTED GAIN
INA350ABS
High or No Connect
20
Low
10
INA350CDS
High or No Connect
50
Low
30
8.3.1.1 Gain Error and Drift
Gain error in INA350 is limited by the mismatch of the integrated precision resistors and it is specified based
on characterization results. Gain error of maximum 0.5% can be expected for the gains of 10 and 0.6% for the
gains of 20, 30 and 50. Gain drift in INA350 is limited by the slight mismatch of the temperature coefficient of
the integrated resistors. Since these integrated resistors are precision matched with low temperature coefficient
resistors to begin with, the overall gain drift would be much better in comparison to discrete implementation of
the instrumentation amplifiers built using external resistors.
8.3.2 Input Common-Mode Voltage Range
INA350 has two gain stages, the first stage has a common-mode gain of 1 and a differential gain set by the GS
pin. The second stage is configured in a difference-amplifier configuration with differential gain of 1 and ideally
rejects all of the input common mode completely. The second stage also provides a gain of 1 from REF pin to set
the output common-mode voltage.
The linear input voltage range of the INA350, even for a rail-to-rail first stage is dictated by the signal swing at
output of the first stage as well as the input common-mode voltage range output swing of the second stage. It is
imperative that the INA350 stays linear for a particular combination of gain, reference, and input common-mode
voltage for a chosen input differential. Input common-mode voltage (VCM) vs output voltage graphs (VOUT) in this
section show a particular reference voltage and gain configuration to outline the linear performance region of
INA350. A good common-mode rejection can be expected when operating with in the limits of the VCM vs VOUT
graph. Note, that the INA350 linear input voltage cannot be close to or extend beyond the supply rails as the
output of the first stage will be driven into saturation.
The common-mode range for the most common operating conditions is outlined below. Figure 8-1 shows the
region of operation where a minimum of 85 dB can be achieved. Figure 8-2 has much wider region of operation
INA350
SBOSAA0A – NOVEMBER 2021 – REVISED DECEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com