Electronic Components Datasheet Search
  English  ▼

X  

INA350 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA350
Description  INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA350 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA350 Datasheet HTML 25Page - Texas Instruments INA350 Datasheet HTML 26Page - Texas Instruments INA350 Datasheet HTML 27Page - Texas Instruments INA350 Datasheet HTML 28Page - Texas Instruments INA350 Datasheet HTML 29Page - Texas Instruments INA350 Datasheet HTML 30Page - Texas Instruments INA350 Datasheet HTML 31Page - Texas Instruments INA350 Datasheet HTML 32Page - Texas Instruments INA350 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Output Voltage (V)
-0.6
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
-0.6
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
D09_
VS = 5.5 V
G = 10, 20
VREF = 0 V
Figure 9-4. Input Common-Mode Voltage vs Output Voltage (High CMRR Region)
Additional series resistor in the Wheatstone bridge string (R1) may or may not be required. This is decided
based on the intended output voltage swing for a particular combination of supply voltage, reference voltage and
the selected gain for an input common mode voltage range. R1 helps adjust the input common-mode voltage
range, and thus can help accommodate the intended output voltage swing. In this particular example, it are not
required and can be shorted out.
9.2.1.3 Application Curves
The following typical characteristic curve is for the circuit in Figure 9-3.
Bridge Resistance R + 'R (:)
5000 5200 5400 5600 5800 6000 6200 6400 6600 6800 7000
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
0.30
0.27
0.24
0.21
0.18
0.15
0.12
0.09
0.06
0.03
0
D100
VOUT
VDIFF
Figure 9-5. Input Differential Voltage, Output Voltage vs Bridge Resistance
www.ti.com
INA350
SBOSAA0A – NOVEMBER 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: INA350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com