Electronic Components Datasheet Search
  English  ▼

X  

INA350 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA350
Description  INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA350 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA350 Datasheet HTML 5Page - Texas Instruments INA350 Datasheet HTML 6Page - Texas Instruments INA350 Datasheet HTML 7Page - Texas Instruments INA350 Datasheet HTML 8Page - Texas Instruments INA350 Datasheet HTML 9Page - Texas Instruments INA350 Datasheet HTML 10Page - Texas Instruments INA350 Datasheet HTML 11Page - Texas Instruments INA350 Datasheet HTML 12Page - Texas Instruments INA350 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
7.6 Typical Characteristics
at TA = 25°C, VS = (V+) – (V–) = 5.5 V, VIN = (VIN+) – (VIN–) = 0 V, RL = 10 kΩ, CL = 10 pF, VREF = VS / 2, VCM = [(VIN+) +
(VIN–)] / 2 = VS / 2, VOUT = VS / 2 and G = 10 (unless otherwise noted)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
Input Offset Voltage (µV)
H05_
G = 10, 20
N = 72
μ = –24 μV
σ = 0.2 mV
Figure 7-1. Typical Distribution of Input Referred Offset Voltage
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
Input Offset Voltage Drift (µV/°C)
H06_
G = 10, 20
N = 72
μ = 0.35 μV/°C
σ = 0.25 μV/°C
Figure 7-2. Typical Distribution of Input Referred Offset Drift
0
5
10
15
20
25
30
35
40
45
Input Bias Current (pA)
H13_
TA = 25°C
N = 72
μ = 0.40 pA
σ = 0.15 pA
Figure 7-3. Typical Distribution of Input Bias Current
0
5
10
15
20
25
30
35
40
45
50
Input Offset Current (pA)
H15_
TA = 25°C
N = 36
μ = –0.03 pA
σ = 0.23 pA
Figure 7-4. Typical Distribution of Input Offset Current
0
5
10
15
20
25
30
Input Bias Current (pA)
H14_
TA = 85°C
N = 72
μ = 22 pA
σ = 0.95 pA
Figure 7-5. Typical Distribution of Input Bias Current
0
5
10
15
20
25
30
Input Offset Current (pA)
H16_
TA = 85°C
N = 36
μ = –1 pA
σ = 1 pA
Figure 7-6. Typical Distribution of Input Offset Current
www.ti.com
INA350
SBOSAA0A – NOVEMBER 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com