Electronic Components Datasheet Search
  English  ▼

X  

OPA182 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA182
Description  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA182 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA182 Datasheet HTML 7Page - Texas Instruments OPA182 Datasheet HTML 8Page - Texas Instruments OPA182 Datasheet HTML 9Page - Texas Instruments OPA182 Datasheet HTML 10Page - Texas Instruments OPA182 Datasheet HTML 11Page - Texas Instruments OPA182 Datasheet HTML 12Page - Texas Instruments OPA182 Datasheet HTML 13Page - Texas Instruments OPA182 Datasheet HTML 14Page - Texas Instruments OPA182 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Offset Voltage (µV)
0
2
4
6
8
10
12
14
16
18
20
-4
-3
-2
-1
0
1
2
3
4
Figure 7-1. Offset Voltage Production Distribution
Input Offset Voltage Drift (PV/qC)
-0.02
-0.0125
-0.005
0.0025
0.01
0.0175
0
4
8
12
16
20
24
28
32
36
Figure 7-2. Offset Voltage Drift Distribution
Positive Input Bias (pA)
-350
-250
-150
-50
50
150
250
350
0
3
6
9
12
15
18
21
24
27
Figure 7-3. Input Bias Current Production Distribution
Input Offset Current (pA)
-700
-500
-300
-100
100
300
500
700
0
3
6
9
12
15
18
21
24
27
30
Figure 7-4. Input Offset Current Production Distribution
Temperature (qC)
-50
-25
0
25
50
75
100
125
-3
-2
-1
0
1
2
3
Figure 7-5. Offset Voltage vs Temperature
Input Common-mode Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
-5
-4
-3
-2
-1
0
1
2
3
4
5
__ -40 qC
__ 25 qC
__ 125 qC
Figure 7-6. Offset Voltage vs Common-Mode Voltage
www.ti.com
OPA182, OPA2182, OPA4182
SBOS936D – DECEMBER 2019 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com