Electronic Components Datasheet Search
  English  ▼

X  

OPA182 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA182
Description  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA182 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA182 Datasheet HTML 9Page - Texas Instruments OPA182 Datasheet HTML 10Page - Texas Instruments OPA182 Datasheet HTML 11Page - Texas Instruments OPA182 Datasheet HTML 12Page - Texas Instruments OPA182 Datasheet HTML 13Page - Texas Instruments OPA182 Datasheet HTML 14Page - Texas Instruments OPA182 Datasheet HTML 15Page - Texas Instruments OPA182 Datasheet HTML 16Page - Texas Instruments OPA182 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Output Current (mA)
0
10
20
30
40
50
60
70
80
-18
-17
-16
-15
-14
-13
-12
-40 qC
25 qC
85 qC
125 qC
Figure 7-13. Output Voltage Swing vs Output Current (Sinking)
Frequency (Hz)
0
20
40
60
80
100
120
140
160
180
10m 100m
1
10
100
1k
10k
100k
1M
10M
CMRR
PSRR
PSRR
Figure 7-14. CMRR and PSRR vs Frequency
Temperature(qC)
-50
-25
0
25
50
75
100
125
120
130
140
150
160
170
180
1
0.1
0.01
0.001
Figure 7-15. CMRR vs Temperature
Temperature(qC)
-50
-25
0
25
50
75
100
125
120
130
140
150
160
170
180
1
0.1
0.01
0.001
Figure 7-16. PSRR vs Temperature
Time (1 s/div)
Figure 7-17. 0.1-Hz to 10-Hz Voltage Noise
Frequency (Hz)
1
10
100
1
10
100
1k
10k
100k
1M
10M
Figure 7-18. Input Voltage Noise Spectral Density vs Frequency
www.ti.com
OPA182, OPA2182, OPA4182
SBOS936D – DECEMBER 2019 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com