Electronic Components Datasheet Search
  English  ▼

X  

OPA182 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA182
Description  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA182 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA182 Datasheet HTML 15Page - Texas Instruments OPA182 Datasheet HTML 16Page - Texas Instruments OPA182 Datasheet HTML 17Page - Texas Instruments OPA182 Datasheet HTML 18Page - Texas Instruments OPA182 Datasheet HTML 19Page - Texas Instruments OPA182 Datasheet HTML 20Page - Texas Instruments OPA182 Datasheet HTML 21Page - Texas Instruments OPA182 Datasheet HTML 22Page - Texas Instruments OPA182 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
8.3 Feature Description
The OPAx182 operational amplifiers have several integrated features that help maintain a high level of precision
throughout all operating conditions. These features include phase-reveral protection, input bias current clock
feedthrough and MUX-friendly inputs.
8.3.1 Phase-Reversal Protection
The OPAx182 have an internal phase-reversal protection. Many op amps exhibit a phase reversal when the
input is driven beyond the linear common-mode range. This condition is most often encountered in noninverting
circuits when the input is driven beyond the specified common-mode voltage range, causing the output to
reverse into the opposite rail. The OPAx182 input prevents phase reversal with excessive common-mode
voltage. Instead, the output limits into the appropriate rail. This performance is shown in Figure 8-1.
Time (1 ms/div)
Vout (V)
Vin (V)
C017
Figure 8-1. No Phase Reversal
8.3.2 Input Bias Current Clock Feedthrough
Zero-drift amplifiers such as the OPAx182 use switching on the inputs to correct for the intrinsic offset and drift
of the amplifier. Charge injection from the integrated switches on the inputs can introduce short transients in
the input bias current of the amplifier. The extremely short duration of these pulses prevents the pulses from
amplifying; however, the pulses may be coupled to the output of the amplifier through the feedback network.
The most effective method to prevent transients in the input bias current from producing additional noise at the
amplifier output is to use a low-pass filter such as an RC network.
8.3.3 EMI Rejection
The OPAx182 use integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI
interference from sources such as wireless communications and densely-populated boards with a mix of analog
signal chain and digital components. EMI immunity can be improved with circuit design techniques; the OPAx182
benefit from these design improvements. Texas Instruments has developed the ability to accurately measure and
quantify the immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to 6
GHz. Figure 8-2 shows the results of this testing on the OPAx182. Table 8-1 lists the EMIRR +IN values for the
OPAx182 at particular frequencies commonly encountered in real-world applications. Applications listed in Table
8-1 may be centered on or operated near the particular frequency shown. Detailed information can also be found
in the EMI Rejection Ratio of Operational Amplifiers application report, available for download from www.ti.com.
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of
RF signal rectification. An op amp that is more efficient at rejecting this change in offset as a result of EMI has
a higher EMIRR and is quantified by a decibel value. Measuring EMIRR can be performed in many ways, but
this section provides the EMIRR +IN, which specifically describes the EMIRR performance when the RF signal is
applied to the noninverting input pin of the op amp. In general, only the noninverting input is tested for EMIRR for
the following three reasons:
www.ti.com
OPA182, OPA2182, OPA4182
SBOS936D – DECEMBER 2019 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com