Electronic Components Datasheet Search
  English  ▼

X  

OPA1677DBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1677DBVT
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1677DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA1677DBVT Datasheet HTML 12Page - Texas Instruments OPA1677DBVT Datasheet HTML 13Page - Texas Instruments OPA1677DBVT Datasheet HTML 14Page - Texas Instruments OPA1677DBVT Datasheet HTML 15Page - Texas Instruments OPA1677DBVT Datasheet HTML 16Page - Texas Instruments OPA1677DBVT Datasheet HTML 17Page - Texas Instruments OPA1677DBVT Datasheet HTML 18Page - Texas Instruments OPA1677DBVT Datasheet HTML 19Page - Texas Instruments OPA1677DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
If the supply is not capable of sinking the current, VIN can begin sourcing current to the operational amplifier and
then take over as the source of positive supply voltage. The danger in this case is that the voltage can rise to
levels that exceed the operational amplifier absolute maximum ratings.
Another common question involves what happens to the amplifier if an input signal is applied to the input when
the power supplies (V+ or V–) are at 0 V. Again, this question depends on the supply characteristic when at 0
V, or at a level less than the input signal amplitude. If the supplies appear as high impedance, then the input
source supplies the operational amplifier current through the current-steering diodes. This state is not a normal
bias condition; most likely, the amplifier does not operate normally. If the supplies are low impedance, then the
current through the steering diodes can become quite high. The current level depends on the ability of the input
source to deliver current, and any resistance in the input path.
If there is any uncertainty about the ability of the supply to absorb this current, add external Zener diodes to the
supply pins; see Figure 7-2. Select the Zener voltage so that the diode does not turn on during normal operation.
However, the Zener voltage must be low enough so that the Zener diode conducts if the supply pin begins to rise
above the safe-operating, supply-voltage level.
7.3.3 EMI Rejection Ratio (EMIRR)
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many operational amplifiers is a change in the offset voltage
as a result of RF signal rectification. An operational amplifier that is more efficient at rejecting this change in
offset as a result of EMI has a higher EMIRR and is quantified by a decibel value. Measuring EMIRR can be
performed in many ways, but this document provides the EMIRR IN+, which specifically describes the EMIRR
performance when the RF signal is applied to the noninverting input pin of the operational amplifier. In general,
only the noninverting input is tested for EMIRR for the following three reasons:
• Operational amplifier input pins are known to be the most sensitive to EMI, and typically rectify RF signals
better than the supply or output pins.
• The noninverting and inverting operational amplifier inputs have symmetrical physical layouts and exhibit
nearly matching EMIRR performance.
• EMIRR is easier to measure on noninverting pins than on other pins because the noninverting input pin can
be isolated on a printed-circuit-board (PCB). This isolation allows the RF signal to be applied directly to the
noninverting input pin with no complex interactions from other components or connecting PCB traces.
A more formal discussion of the EMIRR IN+ definition and test method is shown in the EMI Rejection Ratio of
Operational Amplifiers application report, available for download at www.ti.com.
The EMIRR IN+ of the OPA167x is plotted versus frequency in Figure 7-3. The dual and quad operational
amplifier device versions have approximately identical EMIRR IN+ performance. The OPA167x unity-gain
bandwidth is 16 MHz. EMIRR performance below this frequency denotes interfering signals that fall within the
operational amplifier bandwidth.
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
Frequency (MHz)
C001
Figure 7-3. OPA167x EMIRR vs Frequency
OPA1677, OPA1678, OPA1679
SBOS855D – JANUARY 2017 – REVISED DECEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA1677 OPA1678 OPA1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com