Electronic Components Datasheet Search
  English  ▼

X  

OPA1677DBVT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1677DBVT
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1677DBVT Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA1677DBVT Datasheet HTML 20Page - Texas Instruments OPA1677DBVT Datasheet HTML 21Page - Texas Instruments OPA1677DBVT Datasheet HTML 22Page - Texas Instruments OPA1677DBVT Datasheet HTML 23Page - Texas Instruments OPA1677DBVT Datasheet HTML 24Page - Texas Instruments OPA1677DBVT Datasheet HTML 25Page - Texas Instruments OPA1677DBVT Datasheet HTML 26Page - Texas Instruments OPA1677DBVT Datasheet HTML 27Page - Texas Instruments OPA1677DBVT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
8.2.4 Composite Headphone Amplifier
Figure 8-6 shows the BUF634A buffer inside the feedback loop of the OPA1678 to increase the available
output current for low-impedance headphones. If the BUF634A is used in wide-bandwidth mode, no additional
components besides the feedback resistors are required to maintain loop stability.
200
200
+
±
100 F
0.1 F
0.1 F
0.1 F
0.1 F
100 F
½
OPA1678
BUF634A
12 V
-12 V
100 k
Output
Input
RBW
R3
R2
R1
Figure 8-6. Composite Headphone Amplifier (Single-Channel Shown)
8.2.5 Differential Line Receiver With AC-Coupled Outputs
Figure 8-7 shows the OPA1678 used as an integrator that drives the reference pin of the INA1650, which forces
the output dc voltage to 0 V. This configuration is an alternative to large ac-coupling capacitors that can distort at
high output levels. The low input bias current and low input offset voltage of the OPA1678 make the device an
excellent choice for integrator applications.
18 V
C1 10 F
C2 10 F
Input Differential
Audio Signals
Output Single-Ended
Audio Signals
1
2
3
R1
100 k
XLR Connector
1
3
2
XLR Connector
R3 1 M
C5 1 F
R2
100 k
R4
100 k
R5
100 k
C3 10 F
C4 10 F
R6 1 M
9
8
IN- A
IN+ A
VCC
OUT A
VMID(OUT)
COM A
IN+ B
IN- B
COM B
OUT B
VMID(IN)
VEE
REF A
REF B
INA1650
1
2
3
4
5
6
7
14
13
12
11
10
C6 0.1 F
-18 V
C7 1 F
C8 0.1 F
18 V
½
OPA1678
R7
1 M
C9
100 nF
-18 V
½
OPA1678
R8
1 M
C10
100 nF
Figure 8-7. Differential Line Receiver With AC-Coupled Outputs
OPA1677, OPA1678, OPA1679
SBOS855D – JANUARY 2017 – REVISED DECEMBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA1677 OPA1678 OPA1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com