Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 30 Page - Analog Devices

Part # LTM4644
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4644 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTM4644 Datasheet HTML 26Page - Analog Devices LTM4644 Datasheet HTML 27Page - Analog Devices LTM4644 Datasheet HTML 28Page - Analog Devices LTM4644 Datasheet HTML 29Page - Analog Devices LTM4644 Datasheet HTML 30Page - Analog Devices LTM4644 Datasheet HTML 31Page - Analog Devices LTM4644 Datasheet HTML 32Page - Analog Devices LTM4644 Datasheet HTML 33Page - Analog Devices LTM4644 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTM4671
30
Rev. B
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 30. 5V to 20V Input, Quad Output Design
COUT2
47µF ×2
VOUT2
3.3V/5A
13.3k
COUT1
47µF ×2
VOUT1
1.8V/5A
30.1k
COUT3
100µF ×4
VOUT3
1.0V/12A
90.9k
4671 F30
VIN1
SVIN0
SVIN3
RUN0
RUN1
RUN2
RUN3
COMP0a
COMP0b
COMP1
COMP2
COMP3a
COMP3b
TRACK/SS0
TRACK/SS1
TRACK/SS2
TRACK/SS3
PGOOD0
PGOOD1
PGOOD2
PGOOD3
LTM4671
CIN
22µF
×4
VOUT0
VOSNS0+
VOSNS0–
FB0
VOUT1
VOSNS1+
FB1
VOUT2
VOSNS2+
FB2
VOUT3
VOSNS3+
VOSNS3–
FB3
COUT0
100µF ×4
VOUT0
0.8V/12A
VIN
5V TO 20V
182k
0.1F
0.1F
0.1F
0.1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com