Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4644
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4644 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4644 Datasheet HTML 14Page - Analog Devices LTM4644 Datasheet HTML 15Page - Analog Devices LTM4644 Datasheet HTML 16Page - Analog Devices LTM4644 Datasheet HTML 17Page - Analog Devices LTM4644 Datasheet HTML 18Page - Analog Devices LTM4644 Datasheet HTML 19Page - Analog Devices LTM4644 Datasheet HTML 20Page - Analog Devices LTM4644 Datasheet HTML 21Page - Analog Devices LTM4644 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTM4671
18
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 3. Input RMS Current Ratios to DC Load Current as a Function of Duty Cycle
0.75 0.8
4671 F03
0.7
0.65
0.6
0.55
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.85 0.9
DUTY FACTOR (VOUT/VIN)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
1-PHASE
2-PHASE
3-PHASE
4-PHASE
6-PHASE
4671 F04
TIME
VOUT0 = 1.0V
VOUT3 = 1.2V
VOUT2 = 2.5V
VOUT1 = 3.3V
Figure 4. Output Ratiometric Tracking Waveform
SOFT-START AND OUTPUT VOLTAGE TRACKING
The TRACK/SS pin provides a means to either soft-start
of each regulator channel or track it to a different power
supply. A capacitor on the TRACK/SS pin will program the
ramp rate of the output voltage. An internal soft-start cur-
rent source will charge up the external soft-start capacitor
towards INTVCC voltage. When the TRACK/SS voltage is
below 0.6V, it will take over the internal 0.6V reference
voltage to control the output voltage. The total soft-start
time can be calculated as:
tSS = 0.6 •
CSS
ISS
where CSS is the capacitance on the TRACK/SS pin and
the ISS is the soft-start current which equals 6µA for the
12A output channels (CH0, CH3) and 1.4µA for the 5A
output channels (CH1, CH2).
Outputvoltagetrackingcanalsobeprogrammedexternally
using the TRACK/SS pin of each regulator channel. The
output can be tracked up and down with another regulator.
Figure 4 and Figure 5 show an example waveform and
schematic of a ratiometric tracking where the slave
regulator’s (VOUT2, VOUT3 and VOUT0) output slew rate is
proportional to the master’s (VOUT1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com