Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4644
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4644 Datasheet(HTML) 4 Page - Analog Devices

  LTM4644 Datasheet HTML 1Page - Analog Devices LTM4644 Datasheet HTML 2Page - Analog Devices LTM4644 Datasheet HTML 3Page - Analog Devices LTM4644 Datasheet HTML 4Page - Analog Devices LTM4644 Datasheet HTML 5Page - Analog Devices LTM4644 Datasheet HTML 6Page - Analog Devices LTM4644 Datasheet HTML 7Page - Analog Devices LTM4644 Datasheet HTML 8Page - Analog Devices LTM4644 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTM4671
4
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified internal
operating temperature range. Specified as each individual output channel. TA = 25°C (Note 2), SVIN = VIN = 12V, unless otherwise
noted. Per the typical application in Figure 30.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
VRUN
RUN Pin ON Threshold
VRUN Rising
Hysteresis
1.10
1.20
150
1.30
V
mV
UVLO
Undervoltage Lockout
INTVCC Falling
Hysteresis
2.4
2.55
0.4
2.7
V
V
ITRACK/SS
Track Pin Soft-Start Pull-Up Current TRACK/SS = 0V
6
µA
tON(MIN)
Minimum On-Time
(Note 5)
25
ns
tOFF(MIN)
Minimum Off-Time
(Note 5)
80
ns
VPGOOD
PGOOD Trip Level
VFB With Respect to Set Output
VFB Ramping Negative
VFB Ramping Positive
–10
6
–8
8
–6
10
%
%
RPGOOD
PGOOD Pull-Down Resistance
1mA Load
8
15
Ω
INTVCC
Internal VCC Voltage
3.2
3.3
3.4
V
FREQ
Default Switching Frequency
600
kHz
CLKIN_H
CLKIN_H Input High Threshold
CLKIN_H Input Low Threshold
1
0.3
V
V
Switching Regulator Section: (5A Channels)
VIN
Input DC Voltage
l
3.1
20
V
VIN(AFTER START-UP) Input DC Voltage After Start-Up
l
2.9
20
V
VOUT(RANGE)
Output Voltage Range
l
0.6
5.5
V
VOUT(DC)
Output Voltage, Total Variation with
Line and Load
CIN = 22µF, COUT = 100µF Ceramic
RFB = 40.2k, Continuous Current Mode
VIN = 3.1V to 20V, IOUT = 0A to 5A
l
1.477 1.50 1.523
V
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT = 1.5V, Continuous Current Mode
VIN = 12V, VOUT = 1.5V, Burst Mode Operation (IOUT = 0.5A
VIN = 12V, RUN = 0V, Shutdown
18
82
75
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 1.5V, IOUT = 5A
0.7
A
IOUT(DC)
Output Continuous Current Range
VIN = 12V, VOUT = 1.5V (Note 4)
0
5
A
∆VOUT(LINE)/VOUT
Line Regulation Accuracy
VOUT = 1.5V, VIN = 3.1V to 20V, IOUT = 0A
l
0.001 0.05
%/V
∆VOUT(LOAD)/VOUT Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 5A
l
0.2
0.5
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF Ceramic
VIN = 12V, VOUT = 1.5V
8
mV
∆VOUT(START)
Turn-On Overshoot
IOUT = 0A, COUT = 100µF Ceramic,
VIN = 12V, VOUT = 1.5V
15
mV
tSTART
Turn-On Time
TRACK/SS = 0.01µF,
VIN = 12V, VOUT = 1.5V, COUT = 100µF Ceramic
5
ms
∆VOUTLS
Peak Deviation for Dynamic Load
Load: 0% to 25% to 0% of Full Load
VIN = 12V, VOUT = 1.5V, COUT = 100µF Ceramic
30
mV
tSETTLE
Settling Time for Dynamic Load Step Load: 0% to 25% to 0% of Full Load
VIN = 12V, VOUT = 1.5V, COUT = 100µF Ceramic
70
µs
IOUTPK
Output Current Limit
VIN = 12V, VOUT = 1.5V
6
A
VFB
Voltage at VFB Pin
IOUT = 0A, VOUT = 1.5V
l
0.592
0.6
0.608
V
IFB
Current at VFB Pin
(Note 6)
±30
nA
RFB(TOP)
Resistor Between VOUT and VFB Pins
60.05 60.40 60.75
kΩ
VRUN
RUN Pin ON Threshold
VRUN Rising
Hysteresis
1.15
1.25
200
1.35
V
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com