Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4644
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4644 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4644 Datasheet HTML 20Page - Analog Devices LTM4644 Datasheet HTML 21Page - Analog Devices LTM4644 Datasheet HTML 22Page - Analog Devices LTM4644 Datasheet HTML 23Page - Analog Devices LTM4644 Datasheet HTML 24Page - Analog Devices LTM4644 Datasheet HTML 25Page - Analog Devices LTM4644 Datasheet HTML 26Page - Analog Devices LTM4644 Datasheet HTML 27Page - Analog Devices LTM4644 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTM4671
24
Rev. B
For more information www.analog.com
The 1V to 5V power loss curves in Figure 10 to Figure
16 can be used in coordination with the load current
derating curves in Figure 17 to Figure 26 for calculating
an approximate θJA thermal resistance for the LTM4671
with various heat sinking and airflow conditions. The
power loss curves are taken at room temperature and
are increased with a multiplicative factor according to
the junction temperature. This approximate factor is 1.3
considering internal junction temperature hitting 120°C at
the point of derating starts. The derating curves are taken
withthreedifferentoutputpowercombinations,lowpower
(VOUT0 = VOUT3 = 1V, VOUT1 = VOUT2 = 1.5V), medium
power (VOUT0 = VOUT3 = 1.8V, VOUT1 = VOUT2 = 3.3V) and
high power (VOUT0 = VOUT3 = 3.3V, VOUT1 = VOUT2 = 5V).
Output current starting at 100% of the full load current
(IOUT0 = IOUT3 = 12A, IOUT1 = IOUT2 = 5A) and the ambient
temperature starting at 30°C. These are chosen to include
the lower and higher output voltage ranges for correlating
the thermal resistance. Thermal models are derived from
several temperature measurements in a controlled tem-
perature chamber along with thermal modeling analysis.
The junction temperatures are monitored while ambient
temperature is increased with and without airflow. The
power loss increase with ambient temperature change
is factored into the derating curves. The junctions are
maintained at 120°C maximum while lowering output cur-
rent or power with increasing ambient temperature. The
decreasedoutputcurrentwilldecreasetheinternalmodule
loss as ambient temperature is increased. The monitored
junctiontemperatureof120°Cminustheambientoperating
temperature specifies how much module temperature rise
can be allowed. The printed circuit board for this test is a
1.6mm thick six layers board with two ounce copper for
the two outer layers and one ounce copper for the four
inner layers. The PCB dimensions are 121mm × 112mm.
Figure 27 and Figure 28 display the maximum power loss
allowance curves vs ambient temperature with various
heat sinking and airflow conditions. This data was derived
from the thermal derating curves in Figure 17 to Figure 26
with the junction temperature measured at 120°C. This
maximumpowerlosslimitationservesasaguidelinewhen
designing multiple output rails with different voltages and
currents by calculating the total power loss. For example,
to determine the maximum ambient temperature when
VIN = 12V, VOUT0 = 1V at 10A, VOUT1 = 1.8V at 3A, VOUT2
= 3.3V at 2A, VOUT3 = 1.5V at 10A, without a heat sink
and any airflow, simply add up the total power loss for
each channel read from Figure 10 to Figure 16 which in
this example equals 4.8W (1.6W + 0.7W + 0.6W + 1.9W),
then multiply by the 1.3 coefficient for 120°C junction
temperature and compare the total power loss number,
6.3W with Figure 27. Figure 27 indicates with a 6.3W total
power loss, the maximum ambient temperature for this
application is around 66°C. Also from Figure 27, it is easy
to determine with a 6.3W total power loss, the maximum
ambient temperature is around 73°C with 200LFM airflow
and 77°C with 400LFM airflow.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com