Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4633
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4633 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4633 Datasheet HTML 2Page - Analog Devices LTM4633 Datasheet HTML 3Page - Analog Devices LTM4633 Datasheet HTML 4Page - Analog Devices LTM4633 Datasheet HTML 5Page - Analog Devices LTM4633 Datasheet HTML 6Page - Analog Devices LTM4633 Datasheet HTML 7Page - Analog Devices LTM4633 Datasheet HTML 8Page - Analog Devices LTM4633 Datasheet HTML 9Page - Analog Devices LTM4633 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTM4671
6
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
from 3.3VIN
Efficiency vs Load Current
from 5VIN
Efficiency vs Load Current
from 12VIN
1.0V Output Transient Response
1.2V Output Transient Response
1.5V Output Transient Response
1.8V Output Transient Response
2.5V Output Transient Response
3.3V Output Transient Response
50s/DIV
4671 G04
VOUT
(AC-COUPLED)
50mV/DIV
LOAD STEP
2A/DIV
VIN = 12V, VOUT = 1V, fSW = 600kHz
COUT = 3× 100F CERAMIC CAPACITORS
EXT COMP, CTH = 2200pF, RTH = 5k, CFF = 33pF
3A (25%) LOAD STEP, 1A/s
50s/DIV
4671 G05
VOUT
(AC-COUPLED)
50mV/DIV
LOAD STEP
2A/DIV
VIN = 12V, VOUT = 1.2V, fSW = 600kHz
COUT = 3× 100F CERAMIC CAPACITORS
EXT COMP, CTH = 2200pF, RTH = 5k, CFF = 33pF
3A (25%) LOAD STEP, 1A/s
50s/DIV
4671 G06
VOUT
(AC-COUPLED)
50mV/DIV
LOAD STEP
2A/DIV
VIN = 12V, VOUT = 1.5V, fSW = 600kHz
COUT = 3× 100F CERAMIC CAPACITORS
EXT COMP, CTH = 2200pF, RTH = 5k, CFF = 33pF
3A (25%) LOAD STEP, 1A/s
50s/DIV
4671 G07
VOUT
(AC-COUPLED)
50mV/DIV
LOAD STEP
2A/DIV
VIN = 12V, VOUT = 1.8V, fSW = 600kHz
COUT = 3× 100F CERAMIC CAPACITORS
EXT COMP, CTH = 2200pF, RTH = 5k, CFF = 33pF
3A (25%) LOAD STEP, 1A/s
50s/DIV
4671 G08
VOUT
(AC-COUPLED)
50mV/DIV
LOAD STEP
2A/DIV
VIN = 12V, VOUT = 2.5V, fSW = 600kHz
COUT = 3× 100F CERAMIC CAPACITORS
EXT COMP, CTH = 2200pF, RTH = 5k, CFF = 33pF
3A (25%) LOAD STEP, 1A/s
50s/DIV
4671 G09
VOUT
(AC-COUPLED)
100mV/DIV
LOAD STEP
2A/DIV
VIN = 12V, VOUT = 3.3V, fSW = 600kHz
COUT = 3× 100F CERAMIC CAPACITORS
EXT COMP, CTH = 2200pF, RTH = 5k, CFF = 33pF
3A (25%) LOAD STEP, 1A/s
VOUT = 0.9V
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
LOAD CURRENT (A)
0
2
4
6
8
10
12
70
75
80
85
90
95
100
4671 G01
VOUT = 0.9V
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
LOAD CURRENT (A)
0
2
4
6
8
10
12
70
75
80
85
90
95
100
4671 G02
VOUT = 0.9V
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
LOAD CURRENT (A)
0
2
4
6
8
10
12
70
75
80
85
90
95
100
4671 G03
Dual 12A Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com