Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4633
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4633 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4633 Datasheet HTML 7Page - Analog Devices LTM4633 Datasheet HTML 8Page - Analog Devices LTM4633 Datasheet HTML 9Page - Analog Devices LTM4633 Datasheet HTML 10Page - Analog Devices LTM4633 Datasheet HTML 11Page - Analog Devices LTM4633 Datasheet HTML 12Page - Analog Devices LTM4633 Datasheet HTML 13Page - Analog Devices LTM4633 Datasheet HTML 14Page - Analog Devices LTM4633 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTM4671
11
Rev. B
For more information www.analog.com
FREQ0(F10),FREQ3(P8):SwitchingFrequencyProgram
Pin of Each 12A Switching Mode Regulator Channel. Fre-
quency is set internally to 600kHz. An external resistor can
be placed from this pin to GND to increase frequency, or
from this pin to INTVCC to reduce frequency. See the Ap-
plications Information section for frequency adjustment.
VOSNS0+ (G8), VOSNS3+ (N11): Positive Input to the Dif-
ferential Remote Sense Amplifier of Each 12A Switching
Mode Regulator Channel. Internally, this pin is connected
to VFB with a 60.4k 0.5% precision resistor. See the Ap-
plications Information section for details.
VOSNS0– (F8), VOSNS3– (P10): Negative Input to the
Differential Remote Sense Amplifier of Each 12A Switch-
ing Mode Regulator Channel. Connect an external resistor
between FB and VOSNS– pin to set the output voltage of
the specific channel. See the Applications Information
section for details.
MODE/CLKIN0 (G11), MODE/CLKIN3 (R8): Discontinu-
ous Mode Select Pin and External Synchronization Input
to Phase Detector of Each 12A Switching Mode Regula-
tor Channel. Tie MODE/CLKIN to GND for discontinuous
mode of operation. Floating MODE/CLKIN or tying it to
a voltage above 1V will select forced continuous mode.
Furthermore,connectingMODE/CLKINtoanexternalclock
will synchronize the system clock to the external clock and
puts the part in forced continuous mode. See Applications
Information section for details.
CLKOUT0 (E10), CLKOUT3 (P6): Output Clock Signal for
PolyPhaseOperationofEach12ASwitchingModeRegula-
tor Channel. The phase of CLKOUT with respect to CLKIN
is determined by the state of the respective PHMODE pin.
CLKOUT’s peak-to-peak amplitude is INTVCC to GND. See
Applications Information section for details.
PHMODE0 (E6), PHMODE3 (R6): Control Input to the
Phase Selector of Each 12A Switching Mode Regulator
Channel. Determines the phase relationship between in-
ternal oscillator and CLKOUT. Tie it to INTVCC for 2-phase
operation, tie it to SGND for 3-phase operation, and float-
ing for 4-phase operation. See Applications Information
section for details.
TSENSE0+ (A7), TSENSE3+ (W6): Temperature Monitor
of Each 12A Switching Mode Regulator Channel. An in-
ternal diode connected PNP transistor is placed between
TSENSE+ and TSENSE– pins. See the Applications Infor-
mation section.
TSENSE0– (A6), TSENSE3– (W7): Low Side of the Internal
Temperature Monitor.
SVIN0 (E9), SVIN3 (R9): Signal VIN. Filtered input voltage
to the on-chip 3.3V regulator. Tie this pin to the VIN pin in
most applications or connect SVIN to an external voltage
supply of at least 4V which must also be greater than VOUT.
PINS FOR DUAL 5A CHANNELS:
VOUT1 (H1-H4, J1-J4), VOUT2 (L1-L4, M1-M4): Power
OutputPinsofEach5ASwitchingModeRegulatorChannel.
Apply output load between these pins and GND pins. Rec-
ommend placing output decoupling capacitance directly
between these pins and GND pins. See the Applications
Information section for paralleling outputs.
PGOOD1 (H8), PGOOD2 (M8): Output Power Good with
Open-Drain Logic of Each 5A Switching Mode Regulator
Channel. PGOOD is pulled to ground when the voltage on
theFBpinisnotwithin±10%oftheinternal0.6Vreference.
INTVCC12 (K9): Internal 3.3V Regulator Output for Both 5A
Switching Mode Regulator Channels. The internal power
drivers and control circuits are powered from this voltage.
Decouple each pin to GND with a minimum of 2.2µF local
low ESR ceramic capacitor.
RUN1 (J8), RUN2 (L8): Run Control Input of Each 5A
Switching Mode Regulator Channel. Enable regulator
operation by tying the specific RUN pin above 1.2V. Tying
it below 1.1V shuts down the specific regulator channel.
COMP1 (J11), COMP2 (M11): Current Control Threshold
andErrorAmplifierCompensationPointofEach5ASwitch-
ingModeRegulatorChannel.Theinternalcurrentcompara-
tor threshold is linearly proportional to this voltage. Tie the
COMP pins from different channels together for parallel
operation. These channels are internally compensated.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com