Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4633
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4633 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4633 Datasheet HTML 8Page - Analog Devices LTM4633 Datasheet HTML 9Page - Analog Devices LTM4633 Datasheet HTML 10Page - Analog Devices LTM4633 Datasheet HTML 11Page - Analog Devices LTM4633 Datasheet HTML 12Page - Analog Devices LTM4633 Datasheet HTML 13Page - Analog Devices LTM4633 Datasheet HTML 14Page - Analog Devices LTM4633 Datasheet HTML 15Page - Analog Devices LTM4633 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LTM4671
12
Rev. B
For more information www.analog.com
FB1 (H9), FB2 (M9): The Negative Input of the Error
Amplifier for Each 5A Switching Mode Regulator Channel.
This pin is internally connected to VOSNS1 or VOSNS2,
respectively, with a 60.4kΩ precision resistor. Output
voltages can be programmed with an additional resistor
between FB and GND pins. In PolyPhase operation, tying
the FB pins together allows for parallel operation. See the
Applications Information section for details.
TRACK/SS1 (G7), TRACK/SS2 (N7): Output Tracking
and Soft-Start Pin of Each 5A Switching Mode Regulator
Channel. Allows the user to control the rise time of the
output voltage. Putting a voltage below 0.6V on this pin
bypasses the internal reference input to the error amplifier,
instead it servos the FB pin to the TRACK voltage. Above
0.6V,thetrackingfunctionstopsandtheinternalreference
resumes control of the error amplifier. There’s an internal
1.4µA pull-up current from INTVCC on this pin, so putting
a capacitor here provides soft-start function. See the Ap-
plications Information section for details.
FREQ12(K10):SwitchingFrequencyProgramPinforBoth
5A Switching Mode Regulator Channels. Frequency is
set internally to 1MHz. An external resistor can be placed
from this pin to GND to increase frequency, or from this
pin to INTVCC to reduce frequency. See the Applications
Information section for frequency adjustment.
VOSNS1 (J10), VOSNS2 (L10): Output Voltage Sense Pin
of Each 5A Switching Mode Regulator Channel. Internally,
this pin is connected to VFB with a 60.4k 0.5% precision
resistor. See the Applications Information section for
details. It is very important to connect these pins to the
VOUT since this is the feedback path, and cannot be left
open. See the Applications Information section for details.
MODE/CLKIN12 (L9): Mode Select and External Synchro-
nization Input Pin for Both 5A Switching Mode Regulator
Channels. Tie this pin to GND to force continuous synchro-
nous operation. Floating this pin or tying it to INTVCC12
enables high efficiency Burst Mode operation at light
loads. When driving this pin with an external clock, the
phase-locked loop will force the channel 1 turn on signal
to be synchronized with the rising edge of the CLKIN12
signal. channel 2 will also be synchronized with the rising
edge of the CLKIN12 signal with a 180° phase shift. See
Applications Information section for details.
TMON(K8):TemperatureMonitorfor5AOutputChannels.
Avoltageproportionaltothemeasuredon-dietemperature
will appear at this pin. The voltage-to-temperature scaling
factoris200°K/V.SeetheApplicationsInformationsection
for detailed information on the TMON function. Tie this pin
to INTVCC12 to disable the temperature monitor circuit.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com