Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM4633
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4633 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM4633 Datasheet HTML 10Page - Analog Devices LTM4633 Datasheet HTML 11Page - Analog Devices LTM4633 Datasheet HTML 12Page - Analog Devices LTM4633 Datasheet HTML 13Page - Analog Devices LTM4633 Datasheet HTML 14Page - Analog Devices LTM4633 Datasheet HTML 15Page - Analog Devices LTM4633 Datasheet HTML 16Page - Analog Devices LTM4633 Datasheet HTML 17Page - Analog Devices LTM4633 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTM4671
14
Rev. B
For more information www.analog.com
OPERATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 3.1V to 20V, VOUT = 1.5V)
44
66
µF
COUT0, COUT3 External Output Capacitor Requirement
(VIN = 3.1V to 20V, VOUT = 1.5V)
IOUT = 12A
100
200
µF
COUT1, COUT2 External Output Capacitor Requirement
(VIN = 3.1V to 20V, VOUT = 1.5V)
IOUT = 5A
22
47
µF
DECOUPLING REQUIREMENTS
The LTM4671 is a quad output standalone non-isolated
switch mode DC/DC power supply. It has built-in four
separate regulator channels which can deliver 12A, 12A,
5A, 5A continuous output current with few external input
and output capacitors. Two 12A regulator provides pre-
cisely regulated output voltage programmable from 0.6V
to 3.3V via a single external resistor over 3.1V to 20V
input voltage range while the other two 5A regulator can
support output voltage from 0.6V to 5.5V. Dual true dif-
ferentialremotesensingamplifiersareincludedinthehigh
current channels to get accurate regulation at load point.
The typical application schematic is shown in Figure 30.
The LTM4671 has integrated four separate constant on-
time valley current mode regulators, power MOSFETs,
inductors, and other supporting discrete components.
For switching noise-sensitive applications, the switching
frequency can be adjusted by external resistors and the
µModule can be externally synchronized to a clock. See
the Applications Information section.
With current mode control and internal feedback loop
compensation, the LTM4671 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors. For Dual 12A output rails, an optional Type II
C-R-C external compensation network is allowed to cus-
tomize the stability and transient performance.
Current mode control provides the flexibility of paralleling
any of the separate regulator channels with accurate cur-
rent sharing. With a build in clock interleaving between
each two regulator channels, the LTM4671 could easily
employ a 2+1+1 or 2+2 channels parallel operation which
is more than flexible in a multirail POL application like
FPGA.Furthermore,theLTM4671hasCLKINandCLKOUT
pins for frequency synchronization or PolyPhase multiple
devices which allow up to 8 phases of 12A or 5A channels
can be cascaded to run simultaneously.
Currentmodecontrolalsoprovidescycle-by-cyclefastcur-
rent monitoring. An internal overvoltage and undervoltage
comparators pull the open-drain PGOOD output low if the
output feedback voltage exits a ±10% window around the
regulationpoint.Furthermore,inanovervoltagecondition,
internal top FET is turned off and bottom FET is turned on
and held on until the overvoltage condition clears.
Pulling the RUN pin below 0.6V forces the controller into
its shutdown state, turning off both power MOSFETs and
most of the internal control circuitry. At light load currents,
Burst Mode operation can be enabled to achieve higher
efficiency compared to continuous mode for the dual 5A
channels by setting MODE/PLLIN pin floating or tying
to INTVCC. The TRACK/SS pin is used for power supply
trackingandsoft-startprogramming.SeetheApplications
Information section.
Three different temperature sensing pins are included in-
side the module to monitor the temperature of the module
for different channels. See the Applications Information
section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com