Electronic Components Datasheet Search
  English  ▼

X  

LT4295 Datasheet(PDF) 38 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 38 Page - Analog Devices

Back Button LT4295 Datasheet HTML 34Page - Analog Devices LT4295 Datasheet HTML 35Page - Analog Devices LT4295 Datasheet HTML 36Page - Analog Devices LT4295 Datasheet HTML 37Page - Analog Devices LT4295 Datasheet HTML 38Page - Analog Devices LT4295 Datasheet HTML 39Page - Analog Devices LT4295 Datasheet HTML 40Page - Analog Devices LT4295 Datasheet HTML 41Page - Analog Devices LT4295 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
38
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
ISOLATION REQUIREMENTS
IEEE 802.3 Ethernet specifications require that network
segments (including PoE circuitry) be electrically isolated
from the chassis ground of each network interface device.
However, network segments are not required to be iso-
lated from each other, provided that the segments are
connected to devices residing within a single building on
a single power distribution system.
If the PSE is part of a larger system, contains additional
external non-Ethernet ports, or must be referenced to pro-
tective ground for some other reason, the PoE subsystem
must be electrically isolated from the rest of the system.
The LTC9101-1/LTC9102/LTC9103 chipset simplifies PSE
isolation by allowing the LTC9101-1 chip to reside on the
non-isolated side. There it can receive power from the
main logic supply and connect directly to the I2C/SMBus
bus. In this case, the SDAIN and SDAOUT pins can be tied
together and will act as a standard I2C/SMBus SDA pin.
Isolation between the LTC9101-1 and LTC9102/LTC9103
is implemented using a proprietary transformer-based
communication protocol. Additional details are provided
in the High-Speed Data Isolation section of this data sheet.
For simple devices, such as unmanaged PoE switches,
the isolation requirement can be met by using an isolated
main power supply for the entire device. This strategy can
be used if the device has no electrically conducting ports
other than twisted-pair Ethernet. The LTC9101-1 may
directly connect to the LTC9102s/LTC9103s in the above
circumstances, or if the system already provides isolation.
EXTERNAL COMPONENT SELECTION
Power Supplies
The LTC9101-1/LTC9102/LTC9103 requires two supply
voltages to operate. VDD requires 3.3V (nominally) relative
to DGND. VEE requires a negative voltage of between –51V
to –57V for Type 2 and 3 PSEs, or –53V to –57V for Type
4 PSEs, relative to AGND.
Bus Addressing
The LTC9101-1’s primary 7-bit serial bus address is
010A3A200b, with bits 3:2 set by AD3:AD2 respectively. In
Figure 6 through Figure 9, AD3:AD2 are set by LTC9101-1
pins and AD1:AD0 are inferred by device configuration.
See Table 4 for device configuration options. Depending on
device configuration, up to 12 I2C addresses will be popu-
lated from the I2C base address upwards. All LTC9101-1s
also respond to the broadcast address 0110000b, allow-
ing the host to write the same command (typically con-
figuration commands) to multiple LTC9101-1s in a single
transaction. If the LTC9101-1 is asserting INT, it will also
respond to the alert response address (0001100b) per the
SMBus specification.
Each LTC9101-1/LTC9102/LTC9103 is logically com-
posed of multiple four port groups, known as quads, each
packed into a single I2C address. See Device Configuration
section for details. For example, if CFG[2:0] is set to 000,
an LTC9101-1 is configured as an 8-port or 12-port device
when attached to an LTC9102 or an LTC9103, respectively
(see Table 4). This configuration requires two or three
consecutive I2C addresses, with quad offset 0 starting at
the I2C base address.
Note that any individual quad I2C address greater than or
equal to 0x30 (the broadcast address) will be automati-
cally disabled.
Interrupts and SMBAlert
Most port events can be configured to trigger an inter-
rupt, asserting INT and alerting the host to the event. This
removes the need for the host to poll the LTC9101-1,
minimizing serial bus traffic and conserving host CPU
cycles. Multiple LTC9101-1s can share a common INT
line, with the host using the SMBAlert protocol (ARA) to
determine which LTC9101-1 caused an interrupt.
Register Description
For information on serial bus usage and device configura-
tion and status, refer to the LTC9101-1 Software Interface
guide. Contact Analog Devices to request this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com