Electronic Components Datasheet Search
  English  ▼

X  

LT4295 Datasheet(PDF) 27 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 27 Page - Analog Devices

Back Button LT4295 Datasheet HTML 23Page - Analog Devices LT4295 Datasheet HTML 24Page - Analog Devices LT4295 Datasheet HTML 25Page - Analog Devices LT4295 Datasheet HTML 26Page - Analog Devices LT4295 Datasheet HTML 27Page - Analog Devices LT4295 Datasheet HTML 28Page - Analog Devices LT4295 Datasheet HTML 29Page - Analog Devices LT4295 Datasheet HTML 30Page - Analog Devices LT4295 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
27
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
A Type 2 PD requesting 25.5W presents class signature 4
during all class events. If a Type 2 PSE with 25.5W of
available power measures class signature 4 during the
first class event, it forces the PD to VMARK (9V typical),
pauses briefly, and issues a second class event as shown
in Figure 17. The second class event informs the PD that
the PSE has allocated 25.5W.
Figure 17.
9101123 F17
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
1ST
CLASS
1ST
MARK
2ND
MARK
2ND
CLASS
POWER ON
Type 2 PSE, 2-Event Class Sequence
Note that the second classification event only runs if
required by the IEEE classification procedure. For exam-
ple, a single-signature Class 0 to 3 PD will only be issued
a single class event as shown in Figure 16.
The concept of demotion is introduced in 802.3at. A
Type 2 PD may be connected to a PSE only capable of
delivering 13W, perhaps due to power management limi-
tations. In this case, the PSE will perform a single classi-
fication event as shown in Figure 16, and note that 25.5W
is requested. Due to the limited power availability, the
PSE will not issue a second event and proceeds directly
to power on the PD. The presence of a single class event
informs the Type 2 PD it has been demoted to 13W. If
demoted, the PD is subject to power limitations and may
operate in a reduced power mode.
802.3bt Multi-Event Classification
The LTC9101-1/LTC9102/LTC9103 implements Type 3
and Type 4 classification as required by 802.3bt. Type 3
and Type 4 classification are backwards-compatible with
Type 1 and Type 2 PDs.
While Type 2 (802.3at) classification extends Type 1
(802.3af) classification, Type 3 and Type 4 (802.3bt)
Table 10. Type 1 and Type 2 PD Classification Values
CLASS
RESULT
Class 0
No Class Signature Present; Treat Like Class 3
Class 1
3.84W
Class 2
6.49W
Class 3
13W
Class 4
25.5W (Type 2)
If classification is enabled, the PSE will classify the PD
immediately after a successful detection cycle. The PSE
measures the PD classification signature by applying
VCLASS to the port via OUTn and measuring the result-
ing current; it then reports the discovered class in the
Port Status or Channel Status register, as appropriate. If
the LTC9101-1/LTC9102/LTC9103 is in auto mode, it will
additionally use the classification result to set the ICUT-2P,
ILIM-2P, and PCUT-4P thresholds.
Classification is disabled for a port when the LTC9101-1/
LTC9102/LTC9103 is initially powered up with the AUTO
pin low, when the port is in shutdown mode, or when the
corresponding Class Enable bit is cleared.
LLDP Classification
Introduced in 802.3at and extended by 802.3bt, the PoE
specification defines a Link Layer Discovery Protocol
(LLDP) method of classification. The LLDP method adds
extra fields to the Ethernet LLDP data protocol.
Although the LTC9101-1/LTC9102/LTC9103 is compat-
ible with this classification method, it cannot perform
LLDP classification directly since it does not have access
to the data path. LLDP classification allows the host to
perform LLDP communication with the PD and update the
PD’s power allocation. The LTC9101-1/LTC9102/LTC9103
supports changing the ILIM-2P, ICUT-2P, and PCUT-4P levels
dynamically, enabling system-level LLDP support.
802.3at 2-Event Classification
In 802.3at, 802.3af classification is named Type 1 clas-
sification. The 802.3at standard introduces an extension
of Type 1 classification: Type 2 (2-event) classification.
Type 2 PSEs are required to perform classification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com