Electronic Components Datasheet Search
  English  ▼

X  

LTC3261 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3261
Description  High Voltage Boost Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3261 Datasheet(HTML) 4 Page - Analog Devices

  LTC3261 Datasheet HTML 1Page - Analog Devices LTC3261 Datasheet HTML 2Page - Analog Devices LTC3261 Datasheet HTML 3Page - Analog Devices LTC3261 Datasheet HTML 4Page - Analog Devices LTC3261 Datasheet HTML 5Page - Analog Devices LTC3261 Datasheet HTML 6Page - Analog Devices LTC3261 Datasheet HTML 7Page - Analog Devices LTC3261 Datasheet HTML 8Page - Analog Devices LTC3261 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LTC3290
4
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown Current vs Temperature
Quiescent Current vs Temperature
(Boost Mode)
Quiescent Current vs Temperature
(VIN Tracking Mode)
TA = 25°C, CFLY = 1µF, CIN = CAUX = COUT = 10µF
unless otherwise noted.
VOUT Effective Open Loop
Resistance vs Temperature
VOUT Current Limit vs Supply
Voltage
TEMPERATURE (°C)
–100
25
20
15
10
5
0
0
100
–50
50
150
3290 G01
200
VIN = 4.5V
VIN = 55V
VIN = 12V
TEMPERATURE (°C)
–100
100
80
60
40
20
0
0
100
–50
50
150
3290 G04
200
VIN = 12V
VAUX = 5V
INPUT SUPPLY VOLTAGE (V)
0
180
160
120
80
40
140
100
60
20
0
50
20
3290 G05
60
30
40
10
VOUT NOT IN REGULATION
TEMPERATURE (°C)
–100
1.020
1.010
1.005
1.015
1.000
0.995
0.990
0.985
0.980
0
100
–50
50
150
3290 G06
200
VIN = 12V
INPUT SUPPLY VOLTAGE (V)
0
5.0
4.5
3.5
2.5
1.5
0.5
4.0
3.0
2.0
1.0
0
50
20
3290 G07
60
30
40
10
TEMPERATURE (°C)
–100
35
30
25
20
15
10
5
0
0
100
–50
50
150
3290 G02
200
VIN = 4.5V
VIN = 55V
VIN = 12V
TEMPERATURE (°C)
–100
30
25
20
15
10
5
0
0
100
–50
50
150
3290 G03
200
VIN = 4.5V
VIN = 55V
VIN = 12V
FB Pin Voltage vs Temperature
VBIAS vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com