Electronic Components Datasheet Search
  English  ▼

X  

LTC3261 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3261
Description  High Voltage Boost Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3261 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3261 Datasheet HTML 5Page - Analog Devices LTC3261 Datasheet HTML 6Page - Analog Devices LTC3261 Datasheet HTML 7Page - Analog Devices LTC3261 Datasheet HTML 8Page - Analog Devices LTC3261 Datasheet HTML 9Page - Analog Devices LTC3261 Datasheet HTML 10Page - Analog Devices LTC3261 Datasheet HTML 11Page - Analog Devices LTC3261 Datasheet HTML 12Page - Analog Devices LTC3261 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LTC3290
9
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
OPERATION (Refer to the Block Diagram)
Figure 3. Equivalent Open-Loop Circuit
Figure 4. Typical ROL vs Temperature
ply (VAUX) serves as an upper maximum for the offset
voltage. R2 and R1 values must be chosen such that the
offset voltage does not exceed VAUX. For low quiescent
current operation, it is important to note that the external
divider adds a current equal to 2 • (1V/R1) to the total
quiescent current. Recommended range of values for R1
is 100k to 500k.
Soft-Start
The LTC3290 has built in soft-start circuitry to prevent
excessive current flow during start-up. The soft-start is
achievedbyinternalcircuitrythatslowlyrampstheamount
of current available at the output storage capacitors on the
VOUT pin. The soft-start circuitry is reset in the event of a
commanded shutdown or thermal shutdown.
Available Output Current
For the LTC3290, the available output current can be
calculated from the effective open-loop output resistance,
ROL, and the effective output voltage, (VIN + VAUX)(MIN).
From Figure 3, the available current is given by:
IOUT =
VIN + VAUX
(
) – VOUT
ROL
Short-Circuit/Thermal Protection
The LTC3290 has built-in short-circuit current limit as
well as overtemperature protection. During an overcurrent
condition, the part automatically limits output current from
the VOUT pin to 150mA (typ). In the event of a short-circuit
on the VOUT pin, the output current is dialed back to further
reduce power dissipation. If the junction temperature ex-
ceedsapproximately175°Cthethermalshutdowncircuitry
disables current delivery to the output. Once the junction
temperature drops back to approximately 165°C, current
delivery to the output resumes. When thermal protection
is active the junction temperature is beyond the specified
operating range. Thermal protection is intended for mo-
mentary overload conditions outside of normal operation.
Continuous operation above the specified maximum op-
erating junction temperature may impair device reliability.
Input/Output Capacitor Selection
ThestyleandvalueofthecapacitorsusedwiththeLTC3290
determine several important parameters such as output
ripple, charge pump strength and minimum turn-on time.
To reduce noise and ripple, it is recommended that low
ESR ceramic capacitors be used for the charge pump
output. COUT should retain at least 5µF of capacitance over
operating temperature and bias voltage. In Boost Mode,
tantalum and aluminum capacitors can be used in parallel
TEMPERATURE (°C)
–100
100
80
60
40
20
0
0
100
–50
50
150
3290 F04
200
VIN = 12V
VAUX = 5V
+–
ROL
IOUT
VOUT
(VIN + VAUX)
3290 F03
+
–
The value of the ROL depends on many factors such as the
internal oscillator frequency (fOSC), the value of the flying
capacitor (CFLY), the nonoverlap time, the internal switch
resistances (RS) and the ESR of the external capacitors.
Typical ROL values of the boost charge pump as a function
of temperature are shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com