Electronic Components Datasheet Search
  English  ▼

X  

LTC3261 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC3261
Description  High Voltage Boost Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3261 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC3261 Datasheet HTML 6Page - Analog Devices LTC3261 Datasheet HTML 7Page - Analog Devices LTC3261 Datasheet HTML 8Page - Analog Devices LTC3261 Datasheet HTML 9Page - Analog Devices LTC3261 Datasheet HTML 10Page - Analog Devices LTC3261 Datasheet HTML 11Page - Analog Devices LTC3261 Datasheet HTML 12Page - Analog Devices LTC3261 Datasheet HTML 13Page - Analog Devices LTC3261 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LTC3290
10
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
with a ceramic capacitor to increase the total capacitance
but should not be used alone because of their high ESR.
Increasing the size of COUT will reduce the output ripple
at the expense of higher minimum turn-on time.
Just as the value of COUT controls the amount of output
ripple, the values of CIN and CAUX control the amount of
ripple present at the input pins (VINandVAUX).Theamount
of bypass capacitance required at the input depends on
the source impedance driving VIN and VAUX. For best re-
sults it is recommended that VIN and VAUX be bypassed
with at least 5µF of low ESR capacitance. A high ESR
capacitor such as tantalum or aluminum will have higher
input noise than a low ESR ceramic capacitor. Therefore,
a ceramic capacitor is recommended as the main bypass
capacitance with a tantalum or aluminum capacitor used
in parallel if desired.
Flying Capacitor Selection
The flying capacitor (CFLY) controls the strength of the
charge pumps. A 1µF or greater ceramic capacitor is sug-
gested for the flying capacitor for applications requiring
the full rated output current of the charge pump. Polarized
capacitors such as aluminum or tantalum should not be
used for CFLY because the voltage on CFLY can reverse
during startup.
For very light load applications, the flying capacitor may
be reduced to save space or cost. For example, a 0.2µF
capacitor might be sufficient for load currents up to 10mA.
A smaller flying capacitor leads to a larger effective open
loop resistance (ROL) and thus limits the maximum load
current that can be delivered by the charge pump.
Ceramic Capacitors
Ceramic capacitors of different materials lose their capaci-
tancewithhighertemperatureandvoltageatdifferentrates.
For example, a capacitor made of X5R or X7R material
will retain most of its capacitance from –40°C to 85°C
whereasaZ5UorY5Vstylecapacitorwillloseconsiderable
capacitance over that range. Z5U and Y5V capacitors may
also have a poor voltage coefficient causing them to lose
60% or more of their capacitance when the rated voltage
isapplied.Thereforewhencomparingdifferentcapacitors,
it is often more appropriate to compare the amount of
achievable capacitance for a given case size rather than
discussing the specified capacitance value. The capacitor
manufacture’s data sheet should be consulted to ensure
the desired capacitance at all temperatures and voltages.
Below is a list of ceramic capacitor manufacturers and
their websites.
AVX
www.avxcorp.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Vishay
www.vishay.com
TDK
www.component.tdk.com
Layout Considerations
Due to high switching frequency and high transient cur-
rents produced by the LTC3290, careful board layout is
necessary for optimum performance. A true ground plane
and short connections to all the external capacitors will
improve performance and ensure proper regulation under
all conditions. Figure 5 shows an example layout for the
LTC3290.
TheflyingcapacitornodesC+,andC–switchlargecurrents
at a high frequency. These nodes should not be routed
close to sensitive pins such as FB and VSET pins.
Thermal Management
At high input voltages and maximum output current, there
can be substantial power dissipation in the LTC3290. If
the junction temperature increases above approximately
175°C, the thermal shutdown circuitry will automatically
deactivate the output. To reduce the maximum junction
temperature, a good thermal connection to the PC board
groundplaneisrecommended.Connectingtheexposedpad
of the package to a ground plane under the device on two
layers of the PC board can reduce the thermal resistance
of the package and PC board considerably.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com