Electronic Components Datasheet Search
  English  ▼

X  

LTC3261 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3261
Description  High Voltage Boost Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3261 Datasheet(HTML) 1 Page - Analog Devices

  LTC3261 Datasheet HTML 1Page - Analog Devices LTC3261 Datasheet HTML 2Page - Analog Devices LTC3261 Datasheet HTML 3Page - Analog Devices LTC3261 Datasheet HTML 4Page - Analog Devices LTC3261 Datasheet HTML 5Page - Analog Devices LTC3261 Datasheet HTML 6Page - Analog Devices LTC3261 Datasheet HTML 7Page - Analog Devices LTC3261 Datasheet HTML 8Page - Analog Devices LTC3261 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LTC3290
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
High Voltage Boost
Charge Pump
The LTC®3290 is a high voltage boost charge pump with
a wide 4.5V to 55V input voltage range that can deliver
up to 50mA of output current.
When the VSET pin is grounded, the LTC3290 operates
as a standard boost charge pump, boosting the VOUT
output to a maximum of the sum of the VIN and VAUX
input supplies. An external resistor divider can be used
on the VOUT, FB and GND pins to set the output voltage
to any value between 1V and VIN + VAUX with hysteretic
Burst Mode operation.
Alternatively, the device can be configured in a VINtracking
mode, in which the VOUT pin regulates at a fixed offset
above the VIN pin. The offset voltage is programmed with
external resistors, one from the VOUT to the VSET pin and
the other from the FB pin to GND. The maximum output
voltage is limited to VIN + VAUX.
The LTC3290 is available in a thermally enhanced 10-pin
MSOP package.
15V Output from a 12V Input (with 5V Auxiliary Input)
Standard Boost Charge Pump Mode, VSET = 0V
Efficiency vs Output Current
APPLICATIONS
n
Wide Input Range: 4.5V to 55V VIN/VAUX
n
Reverse Input Protection to –55V
n
Split Input Supplies for High Efficiency Boost Ratios
n
IOUT Up to 50mA
n
15µA VIN Quiescent Current
n
1µA VAUX Quiescent Current
n
Stable with Ceramic Capacitors
n
Short-Circuit/Thermal Protection
n
Thermally Enhanced 10-Pin MSOP Package
n
High Efficiency General Purpose High Voltage Boost
Supplies
n
High Side N-FET Driver
n
Industrial/Automotive Power Switching
n
VIN Tracking Supply
All registered trademarks and trademarks are the property of their respective owners.
VOUT
15V
0mA TO 20mA
5V
1.4M
10µF
100k
VSET
FB
1µF
GND
LTC3290
C–
C+
PGOOD
3290 TA01
VAUX
BIAS
12V
10µF
VIN
EN
10µF
4.7µF
90
80
60
40
20
70
50
30
10
0
IOUT (mA)
3290 TA01b
0.01
10 20
1
0.1
VIN = 12V
VAUX = 5V
VOUT = 15V
Features
Applications
Typical Application
Description
Absolute Maximum Ratings
Order Information
Pin Configuration
Electrical Characteristics
Typical Performance Characteristics
Pin Functions
Block Diagram
Operation
Applications Information
Typical Applications
Package Description
Typical Application
Related Parts


Similar Part No. - LTC3261

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3261 LINER-LTC3261 Datasheet
196Kb / 12P
High Voltage, Low Quiescent Current
LTC3261 LINER-LTC3261 Datasheet
1Mb / 16P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3261 LINER-LTC3261 Datasheet
2Mb / 14P
High Voltage, Low Quiescent Current Inverting Charge Pump
logo
Analog Devices
LTC3261 AD-LTC3261 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
High Voltage, Low Noise Inverting Charge Pump
More results

Similar Description - LTC3261

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
High Efficiency Buck/Boost Charge Pump Regulator
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
High Efficiency Boost Charge Pump Regulator
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Global Mixed-mode Techn...
G5933 GMT-G5933 Datasheet
72Kb / 1P
High Voltage 1.5x Charge Pump
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
Buck-Boost Charge Pump
logo
Seiko Instruments Inc
S8821 SII-S8821 Datasheet
1Mb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com