Electronic Components Datasheet Search
  English  ▼

X  

LT3751 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3751
Description  Capacitor Charger Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3751 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3751 Datasheet HTML 2Page - Analog Devices LT3751 Datasheet HTML 3Page - Analog Devices LT3751 Datasheet HTML 4Page - Analog Devices LT3751 Datasheet HTML 5Page - Analog Devices LT3751 Datasheet HTML 6Page - Analog Devices LT3751 Datasheet HTML 7Page - Analog Devices LT3751 Datasheet HTML 8Page - Analog Devices LT3751 Datasheet HTML 9Page - Analog Devices LT3751 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3750A
6
Rev. 0
For more information www.analog.com
OPERATION
The LT3750A is designed to charge capacitors quickly and
efficiently. Operation can be best understood by referring to
Figure 1 and Figure 2. Operation proceeds in four phases:
1. Start-up, 2. Primary-side charging, 3. Secondary
energy transfer, 4. Discontinuous mode sensing.
1. Start-Up
Start-up occurs for approximately 20µs after the charge
pin is raised high. During this phase, a one-shot enables
the master latch and turns on the NMOS. The master latch
will remain in the set state until the target output voltage
is reached or a fault condition resets it.
ILPRI
ILSEC
S2
•
•
VTRANS
VPRI
VSEC
3750a F01a
S1
+
–
+
–
+
–
1:N
VDRAIN
ILPRI
ILSEC
S2
1:N
•
•
VTRANS
VPRI
VSEC
3750a F01b
S1
+
–
+
–
+
–
VDRAIN
ILPRI
ILSEC
S2
1:N
•
•
VTRANS
VPRI
VSEC
3750a F01c
S1
+
–
+
–
+
–
VDRAIN
(1a) Equivalent Circuit During Primary-Side Charging
(1b) Equivalent Circuit During Secondary Energy
Transfer and Output Detection
(1c) Equivalent Circuit During Discontinuous Mode Detection
Figure 1. Equivalent Circuits
2. Primary Side Charging
When the NMOS on latch is set, the gate driver rapidly
charges the gate pin to VCC – 2V. The external NMOS
turns on forcing VTRANS – VDS(ON) across the primary
winding. Consequently, current in the primary coil rises
VTRANS – VDS(ON)
LPRI
VTRANS – VDS(ON)
–N (VTRANS – VDS(ON))
VOUT + VDIODE
VOUT + VDIODE
LSEC
IPK
IPK
N
–(VOUT + VDIODE)
N
ILPRI
ILSEC
VPRI
VSEC
VDRAIN
VOUT + VDIODE
N
VTRANS +
VTRANS
VDS(ON)
3750a F02
VDS(ON)
1.
PRIMARY-SIDE
CHARGING
2.
SECONDARY
ENERGY TRANSFER
AND OUTPUT
DETECTION
3.
DISCONTINUOUS
MODE
DETECTION
Figure 2. Idealized Charging Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com