Electronic Components Datasheet Search
  English  ▼

X  

LT3751 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3751
Description  Capacitor Charger Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3751 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3751 Datasheet HTML 5Page - Analog Devices LT3751 Datasheet HTML 6Page - Analog Devices LT3751 Datasheet HTML 7Page - Analog Devices LT3751 Datasheet HTML 8Page - Analog Devices LT3751 Datasheet HTML 9Page - Analog Devices LT3751 Datasheet HTML 10Page - Analog Devices LT3751 Datasheet HTML 11Page - Analog Devices LT3751 Datasheet HTML 12Page - Analog Devices LT3751 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT3750A
9
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
output capacitor is almost completely charged and is
given by:
IAVG,D=
IPK •VTRANS
2 VOUT(PK)+N•VTRANS
(
)
The output diode’s continuous forward current rating
must exceed IAVG,D.
At a minimum, the diode must satisfy all the previously
mentioned specifications to guarantee proper opera-
tion. However, to optimize charge time, reverse recovery
time and reverse bias leakage current should be consid-
ered. Excessive diode reverse recovery times can cause
appreciable discharging of the output capacitor thereby
increasing charge time. Choose a diode with a reverse
recovery time of less than 100ns. Diode leakage current
under high reverse bias bleeds the output capacitor of
charge, also increasing charge time. Choose a diode that
has minimal reverse bias leakage current. Table 2 recom-
mends several output diodes for various output voltages
with adequate reverse recovery time.
Table 2. Recommended Output Diodes
MANUFACTURER
PART
NUMBER
IDC
(A)
PEAK
REPETITIVE
REVERSE
VOLTAGE
(V)
PACKAGE
Diodes Inc.
(www.diodes.com)
MURS140
MURS160
ES2G
US1M
1
1
2
1
400
600
400
1000
SMB
SMB
SMB
SMA
Vishay
(www.vishay.com)
US1G
VS-6ESH06-M3
1
6
400
600
SMA
TO-277A
Bypass Capacitor Selection
Use a high quality X5R or X7R dielectric ceramic capacitor
placed close to the LT3750A to locally bypass the VCC and
VTRANS pins. For most applications, a 1µF to 10µF ceramic
capacitor should suffice for VCC and a 1µF to 10µF for the
VTRANS pin.
The high peak currents flowing through the transformer
necessitate a larger (>>10µF) capacitor to bypass the pri-
mary winding of the transformer. Inadequate bypassing
can result in improper operation. This most often man-
ifests itself in two ways. The first is when the primary
winding current looks distorted instead of triangular.
This substantially reduces the efficiency and increases
the charge time. The second way is when the LT3750A
fails to detect discontinuous mode after the first switching
cycle. Both of these problems are solved by increasing
the amount of capacitive bypassing for the transformer.
Choose capacitors that can handle the high RMS ripple
currents common in flyback regulators.
Output Capacitor Selection
For photoflash applications, the output capacitor will be
discharged into a Xenon flash bulb. Only a pulse capacitor
or photoflash capacitor is able to survive such a harsh
event. Igniting a typical Xenon bulb requires approxi-
mately 250V to 350V stored on a capacitor on the order
of hundreds of microfarads.
Table 3. Recommended Output Capacitor Vendors
VENDOR
WEBSITE
Rubycon
www.rubycon.com
Cornell Dubilier
www.cde.com
NWL
www.nwl.com
NMOS Selection
Choose an external NMOS with minimal gate charge and
on resistance that satisfies current limit and voltage break-
down requirements. The gate is nominally driven to VCC –
2V during each charge cycle. Ensure that this does not
exceed the maximum gate to source voltage rating of the
NMOS but enhances the channel enough to minimize
the on resistance. Similarly, the maximum drain-source
voltage rating of the NMOS must exceed VTRANS + VOUT/N
or the magnitude of the leakage inductance spike, which-
ever is greater. The maximum instantaneous drain cur-
rent must exceed current limit. Because the switching
period decreases with output voltage, the average current
through the NMOS is greatest when the output is nearly
charged and is given by:
IAVG,M=
IPK •VOUT(PK)
2 VOUT(PK)+N•VTRANS
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com