Electronic Components Datasheet Search
  English  ▼

X  

LT3751 Datasheet(PDF) 3 Page - Analog Devices

Part # LT3751
Description  Capacitor Charger Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3751 Datasheet(HTML) 3 Page - Analog Devices

  LT3751 Datasheet HTML 1Page - Analog Devices LT3751 Datasheet HTML 2Page - Analog Devices LT3751 Datasheet HTML 3Page - Analog Devices LT3751 Datasheet HTML 4Page - Analog Devices LT3751 Datasheet HTML 5Page - Analog Devices LT3751 Datasheet HTML 6Page - Analog Devices LT3751 Datasheet HTML 7Page - Analog Devices LT3751 Datasheet HTML 8Page - Analog Devices LT3751 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3750A
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3750AE is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Guaranteed by design, not tested in production.
Note 4: Refer to Block Diagram for VDRAIN definition.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GATE Rise Time
50
ns
GATE High Voltage
CGATE = 1nF, VCC = 5V
CGATE = 1nF, VCC = 24V
3
22
3.8
22.6
4.5
23.5
V
V
GATE Turn Off Propagation Delay
CGATE = 1nF
100
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VTRANS = 5V unless otherwise specified.
VCC Pin Current
VTRANS Pin Current
CHARGE Pin Current
CHARGE Pin Enable/Disable
Voltage
DONE Output Signal Low
GATE High Voltage
TEMPERATURE (°C)
–50 –25
1.3
1.5
1.8
0
50
75
3750a G01
1.4
1.7
1.6
25
100 125
VCC = 24V
VCC = 12V
VCC = 3V
TEMPERATURE (°C)
–50 –25
100
150
225
0
50
75
3750a G02
125
200
175
25
100 125
VTRANS = 24V
VTRANS = 12V
VTRANS = 3V
VCHARGE (V)
0
0
5
15
20
25
16
45
3750a G03
10
8
4
20
12
24
30
35
40
–50°C
25°C
125°C
TEMPERATURE (°C)
–50
0.6
0.7
25
75
3750a G04
0.5
0.4
–25
0
50
100 125
0.3
0.2
0
0.1
0.8
CHARGE PIN DC ENABLE
CHARGE PIN DC DISABLE
LT3750A DYNAMIC DISABLE VOLTAGE
TEMPERATURE (°C)
–50
80
100
120
140
160
–25
0
25
50
3750a G05
75
100 125
VDONE = 5V
RDONE = 100k
TEMPERATURE (°C)
–50 –25
0
10
25
0
50
75
3750a G06
5
20
15
25
100 125
VCC = 24V
VCC = 12V
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com