Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 32 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 28Page - Texas Instruments MCT8316Z Datasheet HTML 29Page - Texas Instruments MCT8316Z Datasheet HTML 30Page - Texas Instruments MCT8316Z Datasheet HTML 31Page - Texas Instruments MCT8316Z Datasheet HTML 32Page - Texas Instruments MCT8316Z Datasheet HTML 33Page - Texas Instruments MCT8316Z Datasheet HTML 34Page - Texas Instruments MCT8316Z Datasheet HTML 35Page - Texas Instruments MCT8316Z Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
8.3.5 AVDD Linear Voltage Regulator
A 3.3-V, linear regulator is integrated into the MCT8316Z family of devices and is available for use by external
circuitry. The AVDD regulator is used for powering up the internal digital circuitry of the device and additionally,
this regulator can also provide the supply voltage for a low-power MCU or other circuitry supporting low current
(up to 30 mA). The output of the AVDD regulator should be bypassed near the AVDD pin with a X5R or X7R,
1-µF, 6.3-V ceramic capacitor routed directly back to the adjacent AGND ground pin.
The AVDD nominal, no-load output voltage is 3.3V.
AVDD
AGND
+
CAVDD
External Load
REF
–
VM
VBK
BUCK_PS_DIS
FB_BK
Figure 8-14. AVDD Linear Regulator Block Diagram
Use Equation 1 to calculate the power dissipated in the device by the AVDD linear regulator with VM as supply
(BUCK_PD_DIS = 1)
2
= (88/ F 8#8&& ) × +#8&&
(1)
For example, at a VVM of 24 V, drawing 20 mA out of AVDD results in a power dissipation as shown in Equation
2.
P
24 V
3.3 V
20 mA
414 mW
u
(2)
Use Equation 3 to calculate the power dissipated in the device by the AVDD linear regulator with buck output as
supply (BUCK_PD_DIS = 0)
P= VFB_BK−VAVDD ×IAVDD
(3)
MCT8316Z
SLVSF18B – MARCH 2021 – REVISED NOVEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MCT8316Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com