Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 72 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 68Page - Texas Instruments MCT8316Z Datasheet HTML 69Page - Texas Instruments MCT8316Z Datasheet HTML 70Page - Texas Instruments MCT8316Z Datasheet HTML 71Page - Texas Instruments MCT8316Z Datasheet HTML 72Page - Texas Instruments MCT8316Z Datasheet HTML 73Page - Texas Instruments MCT8316Z Datasheet HTML 74Page - Texas Instruments MCT8316Z Datasheet HTML 75Page - Texas Instruments MCT8316Z Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 104 page
background image
8.6.2.5 Control_Register_5 Register (Offset = 7h) [Reset = 00h]
Control_Register_5 is shown in Control_Register_5 Register and described in Control_Register_5 Register Field
Descriptions.
Return to the CONTROL Registers.
Figure 8-56. Control_Register_5 Register
7
6
5
4
3
2
1
0
RESERVED
ILIM_RECIR
RESERVED
RESERVED
EN_AAR
EN_ASR
CSA_GAIN
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 8-22. Control_Register_5 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0h
Reserved
6
ILIM_RECIR
R/W
0h
Current Limit Recirculation Settings
0h = Current recirculation through FETs (Brake Mode)
1h = Current recirculation through diodes (Coast Mode)
5
RESERVED
R/W
0h
Reserved
4
RESERVED
R/W
0h
Reserved
3
EN_AAR
R/W
0h
Active Asynshronous Rectification Enable Bit
0h = AAR mode is disabled
1h = AAR mode is enabled
2
EN_ASR
R/W
0h
Active Synchronous Rectification Enable Bit
0h = ASR mode is disabled
1h = ASR mode is enabled
1-0
CSA_GAIN
R/W
0h
Current Sense Amplifier's Gain Settings
0h = CSA gain is 0.15 V/A
1h = CSA gain is 0.3 V/A
2h = CSA gain is 0.6 V/A
3h = CSA gain is 1.2 V/A
MCT8316Z
SLVSF18B – MARCH 2021 – REVISED NOVEMBER 2021
www.ti.com
72
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MCT8316Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com