Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 21 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 17Page - Texas Instruments MCT8316Z Datasheet HTML 18Page - Texas Instruments MCT8316Z Datasheet HTML 19Page - Texas Instruments MCT8316Z Datasheet HTML 20Page - Texas Instruments MCT8316Z Datasheet HTML 21Page - Texas Instruments MCT8316Z Datasheet HTML 22Page - Texas Instruments MCT8316Z Datasheet HTML 23Page - Texas Instruments MCT8316Z Datasheet HTML 24Page - Texas Instruments MCT8316Z Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
8.3 Feature Description
Table 8-1 lists the recommended values of the external components for the driver.
Note
TI recommends to connect pull up on nFAULT even if it is not used to avoid undesirable entry into
internal test mode. If external supply is used to pull up nFAULT, ensure that it is pulled to >2.2V on
power up or the device will enter internal test mode.
Table 8-1. MCT8316Z External Components
COMPONENTS
PIN 1
PIN 2
RECOMMENDED
CVM1
VM
PGND
X5R or X7R, 0.1-µF, TI recommends a capacitor
voltage rating at least twice the normal operating
voltage of the device
CVM2
VM
PGND
≥ 10-µF, TI recommends a capacitor voltage rating at
least twice the normal operating voltage of the device
CCP
CP
VM
X5R or X7R, 16-V, 1-µF capacitor
CFLY
CPH
CPL
X5R or X7R, 47-nF, TI recommends a capacitor
voltage rating at least twice the normal operating
voltage of the pin
CAVDD
AVDD
AGND
X5R or X7R, 1-µF, ≥ 6.3-V. In order for AVDD to
accurately regulate output voltage, capacitor should
have effective capacitance between 0.7-µF to 1.3-µF
at 3.3-V across operating temperature.
CBK
SW_BK
GND_BK
X5R or X7R, 22-µF, buck-output rated capacitor. TI
recommends a capacitor voltage rating at least twice
the normal operating voltage of the pin
LBK
SW_BK
FB_BK
Output inductor
RnFAULT
VCC
nFAULT
5.1-kΩ, Pullup resistor
RMODE
MODE
AGND or AVDD
MCT8316Z hardware interface
RSLEW
SLEW
AGND or AVDD
MCT8316Z hardware interface
RADVANCE
ADVANCE
AGND or AVDD
MCT8316Z hardware interface
RVSEL_BK
VSEL_BK
AGND or AVDD
MCT8316Z hardware interface
CILIM
ILIM
AGND
X5R or X7R, 0.1-µF, AVDD-rated capacitor (Optional)
8.3.1 Output Stage
The MCT8316Z device consists of an integrated 100-mΩ (combined high-side and low-side FET's on-state
resistance) NMOS FETs connected in a three-phase bridge configuration. A doubler charge pump provides the
proper gate-bias voltage to the high-side NMOS FET's across a wide operating-voltage range in addition to
providing 100% duty-cycle support. An internal linear regulator provides the gate-bias voltage for the low-side
MOSFETs. The device has three VM motor power-supply pins which are to be connected together to the
motor-supply voltage.
8.3.2 PWM Control Mode (1x PWM Mode)
The MCT8316Z family of devices provides seven different control modes to support various commutation and
control methods. The MCT8316Z device provides a 1x PWM control mode for driving the BLDC motor in
trapezoidal current-control mode. The MCT8316Z device uses 6-step block commutation tables that are stored
internally. This feature lets a three-phase BLDC motor be controlled using a single PWM sourced from a simple
controller. The PWM is applied on the PWM pin and determines the output frequency and duty cycle of the
half-bridges.
The MCT8316Z family of devices supports both analog and digital hall inputs by changing mode input setting.
Differential hall inputs should be connected to HPx and HNx pins (see Figure 8-3). Digital hall inputs should be
connected to the HPx pins while keeping the HNx pins floating (see Figure 8-4).
www.ti.com
MCT8316Z
SLVSF18B – MARCH 2021 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: MCT8316Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com