Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 13 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 9Page - Texas Instruments MCT8316Z Datasheet HTML 10Page - Texas Instruments MCT8316Z Datasheet HTML 11Page - Texas Instruments MCT8316Z Datasheet HTML 12Page - Texas Instruments MCT8316Z Datasheet HTML 13Page - Texas Instruments MCT8316Z Datasheet HTML 14Page - Texas Instruments MCT8316Z Datasheet HTML 15Page - Texas Instruments MCT8316Z Datasheet HTML 16Page - Texas Instruments MCT8316Z Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 35 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 24 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
SR
Phase pin slew rate switching low to high
(Rising from 20 % to 80 %)
VVM = 24 V, SLEW = 00b or SLEW pin
tied to AGND
14
25
45
V/us
VVM = 24 V, SLEW = 01b or SLEW pin to
Hi-Z
30
50
80
V/us
VVM = 24 V, SLEW = 10b or SLEW pin to
47 kΩ +/- 5% to AVDD
80
125
185
V/us
VVM = 24 V, SLEW = 11b or SLEW pin
tied to AVDD
130
200
280
V/us
SR
Phase pin slew rate switching high to low
(Falling from 80 % to 20 %
VVM = 24 V, SLEW = 00b or SLEW pin
tied to AGND
14
25
45
V/us
VVM = 24 V, SLEW = 01b or SLEW pin to
Hi-Z
30
50
80
V/us
VVM = 24 V, SLEW = 10b or SLEW pin to
47 kΩ +/- 5% to AVDD
80
125
185
V/us
VVM = 24 V, SLEW = 11b or SLEW pin
tied to AVDD
110
200
280
V/us
ILEAK
Leakage current on OUTx
VOUTx = VVM, nSLEEP = 1
5
mA
Leakage current on OUTx
VOUTx = 0 V, nSLEEP = 1
1
µA
tDEAD
Output dead time (high to low / low to
high)
VVM = 24 V, SR = 25 V/µs, HS driver ON
to LS driver OFF
1800
3400
ns
VVM = 24 V, SR = 50 V/µs, HS driver ON
to LS driver OFF
1100
1550
ns
VVM = 24 V, SR = 125 V/µs, HS driver
ON to LS driver OFF
650
1000
ns
VVM = 24 V, SR = 200 V/µs, HS driver
ON to LS driver OFF
500
750
ns
tPD
Propagation delay (high-side / low-side
ON/OFF)
VVM = 24 V, PWM = 1 to OUTx
transisition, SR = 25 V/µs
2000
4550
ns
VVM = 24 V, PWM = 1 to OUTx
transisition, SR = 50V/µs
1200
2150
ns
VVM = 24 V, PWM = 1 to OUTx
transisition, SR = 125 V/µs
800
1350
ns
VVM = 24 V, PWM = 1 to OUTx
transisition, SR = 200 V/µs
650
1050
ns
tMIN_PULSE
Minimum output pulse width
SR = 200 V/µs
600
ns
CURRENT SENSE AMPLIFIER
GCSA
Current sense gain (SPI Device)
CSA_GAIN = 00
0.15
V/A
CSA_GAIN = 01
0.3
V/A
CSA_GAIN = 10
0.6
V/A
CSA_GAIN = 11
1.2
V/A
GCSA
Current sense gain (HW Device)
GAIN pin tied to AGND
0.15
V/A
GAIN pin to Hi-Z
0.3
V/A
GAIN pin to 47 kΩ ± 5% to AVDD
0.6
V/A
GAIN pin tied to AVDD
1.2
V/A
GCSA_ERR
Current sense gain error
TA = 25°C, IPHASE < 4A
–2
2
%
TA = 25°C, IPHASE > 4A
–3
3
%
IPHASE < 4 A
–3
3
%
IPHASE > 4 A
–5
5
%
IMATCH
Current sense gain error matching
between phases A, B and C
TA = 25°C
–3
3
%
–5
5
%
www.ti.com
MCT8316Z
SLVSF18B – MARCH 2021 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: MCT8316Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com