Electronic Components Datasheet Search
  English  ▼

X  

MAX5652 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5652
Description  16-Bit, Parallel-Input Voltage-Output DACs with Internal Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5652 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5652 Datasheet HTML 3Page - Maxim Integrated Products MAX5652 Datasheet HTML 4Page - Maxim Integrated Products MAX5652 Datasheet HTML 5Page - Maxim Integrated Products MAX5652 Datasheet HTML 6Page - Maxim Integrated Products MAX5652 Datasheet HTML 7Page - Maxim Integrated Products MAX5652 Datasheet HTML 8Page - Maxim Integrated Products MAX5652 Datasheet HTML 9Page - Maxim Integrated Products MAX5652 Datasheet HTML 10Page - Maxim Integrated Products MAX5652 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
16-Bit, Parallel-Input, Voltage-Output DACs
with Internal Reference
_______________________________________________________________________________________
7
Pin Description (continued)
Typical Application Circuits
PIN
NAME
FUNCTION
Internal Reference Voltage Output (MAX5650/MAX5651). Connect a 1µF < CREF < 47µF between
REF and AGND as close to the device as possible. The internal reference voltage of the MAX5650 is
+4.096V and +2.048V for the MAX5651.
30
REF
External Reference Voltage Input (MAX5652). Connect to an external voltage reference source
between +2V and AVDD.
31
OUT
DAC Output
32
GND
DAC Ground
—
EP
Exposed paddle. Connect to AGND or leave unconnected.
MAX5650
MAX5651
MAX5652
8-BIT MSB
INPUT
REGISTER
16-BIT DAC
REGISTER
8-BIT LSB
INPUT
REGISTER
16-BIT DAC
R
R
D15
D8
D7
D0
DGND
AGND
GND
OUT
0 TO VREF
INB
MTAP
INA
REF
DVDD
8-BIT BUS
CONTROL
LINES
µC
BANDGAP
REFERENCE
(MAX5650/
MAX5651
ONLY)
CLR
LDAC
CSLSB
WR
CSMSB
AVDD
MID/ZERO
POWER-ON
RESET
Figure 1. Typical Application Circuit for µC Byte-Wide Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com