Electronic Components Datasheet Search
  English  ▼

X  

MAX5652 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5652
Description  16-Bit, Parallel-Input Voltage-Output DACs with Internal Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5652 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5652 Datasheet HTML 1Page - Maxim Integrated Products MAX5652 Datasheet HTML 2Page - Maxim Integrated Products MAX5652 Datasheet HTML 3Page - Maxim Integrated Products MAX5652 Datasheet HTML 4Page - Maxim Integrated Products MAX5652 Datasheet HTML 5Page - Maxim Integrated Products MAX5652 Datasheet HTML 6Page - Maxim Integrated Products MAX5652 Datasheet HTML 7Page - Maxim Integrated Products MAX5652 Datasheet HTML 8Page - Maxim Integrated Products MAX5652 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
16-Bit, Parallel-Input, Voltage-Output DACs
with Internal Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX5650 (continued)
(AVDD = DVDD = +4.75V to +5.25V, AGND = DGND = GND = 0V, VREF = internal, RL =
∞, CL = 10pF, CREF = 1µF,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC PERFORMANCE—ANALOG SECTION
Output Settling Time
7F60H to 80A0H or 80A0H to 7F60H to 0.5 LSB2
µs
DAC Glitch Impulse
Major carry transition
10
nV·s
Digital Feedthrough
Code = 0000 hex; CSLSB = CSMSB =
DVDD, D0–D15 transition from 0 to DVDD
3
nV·s
DYNAMIC PERFORMANCE—VOLTAGE REFERENCE SECTION
Frequency = 0.1Hz to 10Hz
15
µVP-P
Noise Voltage (Note 6)
Frequency = 10Hz to 1kHz
12
µVRMS
VREF Glitch Impulse
For zero-scale to full-scale or full-scale to
zero-scale transition
10
nV·s
STATIC PERFORMANCE—DIGITAL INPUTS
Input High Voltage
VIH
(Note 8)
2.4
V
Input Low Voltage
VIL
(Note 8)
0.8
V
Input Current
IIN
±1
µA
Input Capacitance
CIN
5pF
POWER SUPPLY
Analog Supply Range
AVDD
4.75
5.25
V
Digital Supply Range
DVDD
(Note 9)
AVDD -
0.3
AVDD
+ 0.3
V
Positive Supply Current
IAVDD +
IDVDD
All digital inputs at DVDD or 0V, AVDD = DVDD
2mA
TIMING CHARACTERISTICS (Figure 4)
CSMSB and CSLSB Pulse Width
tCS
40
ns
WR Pulse Width
tWR
40
ns
CSMSB or CSLSB to WR
Setup Time
tCWS
0ns
CSMSB or CSLSB to WR
Hold Time
tCWH
0ns
Data Valid to WR Setup Time
tDWS
40
ns
Data Valid to WR Hold Time
tDWH
0ns
LDAC Pulse Width
tLDAC
40
ns
CLR Pulse Width
tCLR
40
ns
Note 1: 100% production tested at TA = +25°C and TA = +85°C. Guaranteed by design at TA = -40°C.
Note 2: Temperature coefficient is determined by the box method in which the maximum change over the temperature range is
divided by
∆T.
Note 3: Gain error is measured at the full-scale code and is calculated with respect to the reference voltage (REF).
Note 4: Resistor tolerance is typically ±20%.
Note 5: Guaranteed by design, not production tested.
Note 6: Noise is measured at the reference output.
Note 7: Min/max range guaranteed by gain-error test. Operation outside min/max limits results in degraded performance.
Note 8: The devices draw higher supply current when the digital inputs are driven between (DVDD - 0.5V) and (DGND + 0.5V).
See Digital Supply Current vs. Digital Input Voltage in the Typical Operating Characteristics.
Note 9: For optimal performance AVDD = DVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com