Electronic Components Datasheet Search
  English  ▼

X  

MAX5652 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5652
Description  16-Bit, Parallel-Input Voltage-Output DACs with Internal Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5652 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5652 Datasheet HTML 1Page - Maxim Integrated Products MAX5652 Datasheet HTML 2Page - Maxim Integrated Products MAX5652 Datasheet HTML 3Page - Maxim Integrated Products MAX5652 Datasheet HTML 4Page - Maxim Integrated Products MAX5652 Datasheet HTML 5Page - Maxim Integrated Products MAX5652 Datasheet HTML 6Page - Maxim Integrated Products MAX5652 Datasheet HTML 7Page - Maxim Integrated Products MAX5652 Datasheet HTML 8Page - Maxim Integrated Products MAX5652 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
16-Bit, Parallel-Input, Voltage-Output DACs
with Internal Reference
_______________________________________________________________________________________
5
400ns/div
FULL-SCALE
STEP RESPONSE (MAX5650)
D1
5V/div
0V
0V
MAX5650 toc10
VOUT
2V/div
CODE 0000 TO FFFF STEP
1
µs/div
MAJOR-CARRY GLITCH
D15
5V/div
0V
0V
MAX5650 toc11
VOUT
20mV/div
CODE 7FFF TO 8000 STEP
1
µs/div
MAJOR-CARRY GLITCH
D15
5V/div
0V
0V
MAX5650 toc12
VOUT
20mV/div
CODE 8000 TO 7FFF STEP
VOUT
20mV/div
D1
5V/div
DIGITAL FEEDTHROUGH (MAX5650)
1
µs/div
FS TRANSITION
Typical Operating Characteristics (continued)
(AVDD = DVDD = +5V, AGND = DGND = GND = 0V, RL =
∞, CL = 10pF, CREF = 1µF for the MAX5650/MAX5651, TA = +25°C, unless
otherwise noted.)
400ns/div
SMALL-SIGNAL
SETTLING TIME
0V
MAX5650 toc14
VOUT
10mV/div
CODE 0000 TO 00A2 STEP
400ns/div
SMALL-SIGNAL
SETTLING TIME
0V
MAX5650 toc15
VOUT
10mV/div
CODE 00A2 TO 0000 STEP
REFERENCE BANDWIDTH (MAX5652)
FREQUENCY (kHz)
1000
-25
-30
-35
-40
-45
5
0
-5
-10
-15
-20
-50
10,000
10
100
VREF = 3.5V + 0.5VP-P
CODE = FFFFh
REFERENCE FEEDTHROUGH (MAX5652)
FREQUENCY (kHz)
10
100
1000
-60
-80
-100
0
-20
-40
-120
10,000
0.01
0.1
1
VREF = 3.5V + 0.5VP-P
CODE = 0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com