Electronic Components Datasheet Search
  English  ▼

X  

MAX9547ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9547ESA
Description  Differential Video Interface Chipset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9547ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9547ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Differential Video Interface Chipset
________________________________________________________________ Maxim Integrated Products
1
19-3873; Rev 0; 10/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX9546/MAX9547 differential interface chipset
converts single-ended voltages to differential voltages for
transport and then converts back to single-ended volt-
ages. These devices eliminate costly, bulky, single-
ended coaxial cables with inexpensive, readily available,
differential shielded (ScTP) or unshielded (UTP) twisted
pairs. The fault detection of the MAX9546 and loss-of-sig-
nal detection of the MAX9547 allow proactive and
speedy diagnosis, such as identifying failures in the man-
ufacturing stage and troubleshooting equipment at repair
facilities. The MAX9546/MAX9547 are low-cost, conve-
nient solutions for transporting CVBS/FBAS analog video
signals (PAL or NTSC) through hostile environments.
The MAX9546 driver converts the single-ended input into
a differential output with a 6dB fixed gain to drive a back-
terminated, DC-coupled differential video output to unity
gain. This DC connection allows the detection of a short-
circuit condition at the differential outputs. The FAULT
output indicates a short-circuit condition including a
short to a high battery condition (VBAT = +16V) or
ground. The MAX9546 specifies the common-mode
balance (CMB) of the differential outputs.
The MAX9547 receiver converts the differential signal
from the MAX9546 into a single-ended signal. Like the
MAX9546 output, the MAX9547 input survives a short to
a high battery condition or ground. The MAX9547 receiv-
er loss-of-signal output (LOS) operates by detecting the
H-Sync and thus can support both monochrome and
color video signals. The MAX9547 gain is set with an
external impedance between ZT+ and ZT-.
The MAX9546/MAX9547 operate from a 7.5V to 10V
single supply. Both devices include ±15kV ESD Human
Body Model (HBM) protection. The MAX9546/MAX9547
are offered in a thermally enhanced 8-pin SO package
and specified over the -40°C to +85°C extended tem-
perature range.
Applications
Automotive Video
Car Navigation
In-Car Entertainment
Collision Avoidance/Rearview Cameras
Security/CCTV Video
Avionics/In-Flight Entertainment
Features
♦ Fault Detection (MAX9546)
♦ Loss-of-Signal Detection (MAX9547)
♦ Tolerate ±2V Ground-Level Shift between Source
and Load
♦ Specifies Common-Mode Balance (MAX9546)
♦ ±15kV ESD Protection (Human Body Model)
♦ ±8kV—IEC 1000-4-2 Contact Discharge
♦ ±15kV—IEC 1000-4-2 Air-Gap Discharge
♦ Preset 6dB Gain (MAX9546)
♦ Variable Receiver Gain (MAX9547)
♦ 7.5V to 10V Single-Supply Operation
Ordering Information
PART
PIN-
PACKAGE
PKG CODE
DESCRIPTION
MAX9546ESA+
8 SO-EP*
S8E-14
Driver
MAX9547ESA+
8 SO-EP*
S8E-14
Receiver
Note: These devices are specified for -40°C to +85°C temper-
ature range.
+Denotes lead-free package.
*EP = Exposed paddle.
Pin Configuration appears at end of data sheet.
Typical Operating Circuit
FAULT
OUT-
CLAMP
OUT+
VCC
VCC
ZT+
ZT-
IN+
IOUT
VOUT
LOS
IN-
IN
MAX9547
MAX9546


Similar Part No. - MAX9547ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9547ESA+ MAXIM-MAX9547ESA+ Datasheet
254Kb / 12P
Differential Video Interface Chipset
Rev 2; 7/07
MAX9547ESA+ MAXIM-MAX9547ESA+ Datasheet
271Kb / 16P
Differential Video Interface Chipset
Rev 3; 10/07
More results

Similar Description - MAX9547ESA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
Differential video amplifier
April 15, 1992
logo
Texas Instruments
NE592 TI-NE592 Datasheet
337Kb / 7P
differential video amplififiers
UA733 TI-UA733 Datasheet
486Kb / 16P
DIFFERENTIAL VIDEO AMPLIFIERS
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
TL592B TI-TL592B Datasheet
339Kb / 11P
DIFFERENTIAL VIDEO AMPLIFIER
UA733 TI-UA733_07 Datasheet
592Kb / 17P
DIFFERENTIAL VIDEO AMPLIFIERS
logo
Maxim Integrated Produc...
MAX9546 MAXIM-MAX9546_07 Datasheet
254Kb / 12P
Differential Video Interface Chipset
Rev 2; 7/07
MAX9546_0710 MAXIM-MAX9546_0710 Datasheet
271Kb / 16P
Differential Video Interface Chipset
Rev 3; 10/07
logo
List of Unclassifed Man...
UA733 ETC2-UA733 Datasheet
157Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
TL592 TI1-TL592 Datasheet
95Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com