Electronic Components Datasheet Search
  English  ▼

X  

MAX9547ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9547ESA
Description  Differential Video Interface Chipset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9547ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9547ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Differential Video Interface Chipset
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Large-Signal Bandwidth
VIN = 1VP-P, -3dB
20
MHz
Large-Signal Flatness
VIN = 1VP-P, ±0.5dB
15
MHz
Slew Rate
SR
50
V/µs
Settling Time (0.1%)
tSETTLING
400
ns
Power-Supply Rejection Ratio
PSRR
f = 100kHz, 100mVP-P ripple
30
dB
Common-Mode Rejection Ratio
CMRR
f = 100kHz, 100mVP-P ripple
53
dB
LOS Timeout Period
tLOS
760
µs
AC ELECTRICAL CHARACTERISTICS—MAX9547
(VCC = +8.5V, GND = 0V, RL = 75
Ω, ZZT = 75Ω, CL = 50pF, TA = -40°C to +85°C, Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Gain
DG
3.8
%
Differential Phase
DP
0.6
degrees
Signal-to-Noise Ratio
SNR
5MHz lowpass, 100kHz highpass,
VIN = 1VP-P
80
dB
2T Pulse-to-Bar Rating
2T = 250ns, bar time is 18µs, the beginning
3.5% and the ending 3.5% of the bar time is
ignored
0.2
%
2T Pulse Response
2T = 250ns
0.25
%
Group Delay
D/dt
At 3.58MHz
10
ns
AC ELECTRICAL CHARACTERISTICS—MAX9546 Driving MAX9547
(VCC = +8.5V, RL = 220
Ω across OUT+ and OUT-, RL = 75Ω (MAX9547), ZZT = 75Ω, TA = -40°C to +85°C. Typical values are at TA =
+25°C, unless otherwise noted.) (Note 2)
Note 2:
All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 3:
Defined as differential output to single-ended input.
Note 4:
Input is AC-coupled.
Note 5:
The RC time constant (3Hz) formed by the source resistance (RS) and coupling capacitor (CIN) is usually used for lead
compensation of the active clamp. The source resistance is 400
Ω max. The clamp should remain stable in this condition.
Note 6:
Differential mode is defined as (OUT+ - OUT-). Common mode is defined as OUT+ + OUT-
2
Note 7:
A fault is when the outputs both sink and source current and the amount of extra current sink or source is greater than 3mA.
Note 8:
Common-mode balance is defined as 20log((OUT+ - OUT-) / (OUT+ + OUT-)).
Note 9:
Ground between MAX9546 and MAX9547 can be a ±2V difference.
Note 10: A loss-of-signal is when the input video signal of the MAX9547 does not change (cross 100mV level from sync tip) for 10
video lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com