Electronic Components Datasheet Search
  English  ▼

X  

MAX9547ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9547ESA
Description  Differential Video Interface Chipset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9547ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9547ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Differential Video Interface Chipset
_______________________________________________________________________________________
5
GAIN vs. FREQUENCY
FREQUENCY (MHz)
1
0.1
0.01
-20
-10
0
10
20
-30
0.001
10
MAX9546
MAX9547
GAIN vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-10
-15
-1
0
1
2
3
4
5
6
7
8
-2
-40
85
MAX9546
VIN = 1VP-P
MAX9547
MAX9547 IOUT CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
17
19
21
23
25
15
-40
85
MAX9547 COMMON-MODE REJECTION
RATIO vs. FREQUENCY
FREQUENCY (MHz)
1
0.1
0.001
0.01
-70
-60
-50
-40
-30
-20
-10
0
-80
0.0001
10
VRIPPLE = 100mVP-P
MAX9547 COMMON-MODE REJECTION
RATIO vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
-70
-60
-50
-40
-30
-20
-10
0
-80
-40
85
VCOM = 2V
VCOM = 5.4V
VRIPPLE = 100mVP-P
fRIPPLE = 10kHz
MAX9546 INPUT CLAMP CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
6
7
8
9
10
5
-40
85
MAX9547 DIFFERENTIAL INPUT
RESISTANCE vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
20
40
60
80
100
120
140
160
180
200
0
-40
85
MAX9546 DIFFERENTIAL OUTPUT
RESISTANCE vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
20
40
60
80
100
120
140
160
180
200
0
-40
85
Typical Operating Characteristics
(VCC = +8.5V, RL = 220
Ω between OUT+ and OUT-, RL = 75Ω (MAX9547), ZZT = 75Ω, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com