Electronic Components Datasheet Search
  English  ▼

X  

MAX9547ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9547ESA
Description  Differential Video Interface Chipset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9547ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9547ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9547ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Differential Video Interface Chipset
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Large-Signal Bandwidth
VIN = 1VP-P, -3dB
18
MHz
Large-Signal Flatness
VIN = 1VP-P, ±0.5dB
15
MHz
Slew Rate
SR
OUT+ - OUT-
70
V/µs
Settling Time (0.1%)
tSETTLING VIN = 1VP-P
400
ns
Power-Supply Rejection Ratio
PSRR
f = 100kHz, 100mVP-P ripple
63
dB
f = 100kHz
50
Common-Mode Balance (Note 8)
CMB
f = 3.58MHz
30
dB
Droop
Guaranteed by input current
1
%
AC ELECTRICAL CHARACTERISTICS—MAX9546
(VCC = +8.5V, RL = 220
Ω across OUT+ and OUT-, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)
(Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Guaranteed by PSRR
7.5
8.5
10.0
V
Supply Current
ICC
70
110
mA
Differential Input Voltage Range
|IN+ - IN-|
VIN(P-P)
Guaranteed by CMRR (Note 9)
1.2
VP-P
Common-Mode Input Voltage
Range
VCOM
Guaranteed by CMRR (Note 9)
1.0
5.4
V
Input Current
IIN
630µA
Input Offset Current
∆IIN
1
4.2
µA
Input Resistance
RIN
Differential
80
k
Ω
Voltage Gain
AV
VIN(P-P) = 1.2V, defined as IOUT x (RL / VIN)
0.90
1
1.15
V/V
Output Voltage
VOB
IN+ = IN- = 3.2V
1
V
Output Voltage Swing
VOUT
1.2
VP-P
Maximum Output Current
IOUT
VIN = 1V, ZZT = 0
21
mA
Power-Supply Rejection Ratio
PSRR
VCC from 7.5V to 10V
26
34
dB
1V
≤ VCOM ≤ 5.4V
42
54
Common-Mode Rejection Ratio
CMRR
2V
≤ VCOM ≤ 4.4V
46
70
dB
LOS Logic Level
VOL, ISINK = 1.6mA (Note 10)
0.4
V
LOS Leakage Current
0.01
µA
IN+ and/or IN- to +16V, RT1 + RT2 = 110
Ω
50
IN+ and/or IN- to -2V, RT1 + RT2 = 110
Ω
10
IN+ and/or IN- to +16V, VCC unconnected,
RT1 + RT2 = 110
Ω
72
Input Fault Current
IF
IN+ and/or IN- to -2V, VCC unconnected,
RT1 + RT2 = 110
Ω
10
mA
DC ELECTRICAL CHARACTERISTICS—MAX9547
(VCC = +8.5V, GND = 0V, RL = 75
Ω, ZZT = 75Ω, TA = -40°C to +85°C. Typical values are at TA = +25°C.) (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com